Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S80 Datasheet(PDF) 29 Page - Eon Silicon Solution Inc.

Part # EN25S80
Description  8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S80 Datasheet(HTML) 29 Page - Eon Silicon Solution Inc.

Back Button EN25S80_11 Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25S80_11 Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25S80_11 Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25S80_11 Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25S80_11 Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25S80_11 Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25S80_11 Datasheet HTML 31Page - Eon Silicon Solution Inc. EN25S80_11 Datasheet HTML 32Page - Eon Silicon Solution Inc. EN25S80_11 Datasheet HTML 33Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
29
EN25S80
Rev. I, Issue Date: 2011/07/06
PACKAGE MECHANICAL
Figure 26. SOP 8 ( 150 mil )
MIN.
NOR
MAX
A
1.35
- - -
1.75
A1
0.10
- - -
0.25
A2
- - -
- - -
1.50
D
4.80
- - -
5.00
E
5.80
- - -
6.20
E1
3.80
- - -
4.00
e
- - -
1.27
- - -
b
0.33
- - -
0.51
L0.4
- - -
1.27
θ
0
0
- - -
8
0
Note : 1. Coplanarity: 0.1 mm
2. Max. allowable mold flash is 0.15 mm
at the pkg ends, 0.25 mm between leads.
SYMBOL
DIMENSION IN MM
b
Detail A
Detail A
e


Similar Part No. - EN25S80_11

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S80-75GI EON-EN25S80-75GI Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80-75GIP EON-EN25S80-75GIP Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80-75HI EON-EN25S80-75HI Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80-75HIP EON-EN25S80-75HIP Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80-75WI EON-EN25S80-75WI Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S80_11

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80A EON-EN25S80A Datasheet
1Mb / 66P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q80A EON-EN25Q80A Datasheet
1Mb / 50P
   8 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com