Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S16 Datasheet(PDF) 13 Page - Eon Silicon Solution Inc.

Part No. EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S16 Datasheet(HTML) 13 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
13
EN25S16
Rev. H, Issue Date: 2011/12/16
Table 6. Manufacturer and Device Identification
OP Code
(M7-M0)
(ID15-ID0)
(ID7-ID0)
ABh
74h
90h
1Ch
74h
9Fh
1Ch
3815h
Reset-Enable (RSTEN) (66h) and Reset (RST) (99h)
The Reset operation is used as a system (software) reset that puts the device in normal operating
Ready mode. This operation consists of two commands: Reset-Enable (RSTEN) and Reset (RST).
To reset the EN25S16 the host drives CS# low, sends the Reset-Enable command (66h), and drives
CS# high. Next, the host drives CS# low again, sends the Reset command (99h), and drives CS# high.
The Reset operation requires the Reset-Enable command followed by the Reset command. Any
command other than the Reset command after the Reset-Enable command will disable the Reset-
Enable.
A successful command execution will reset the Status register and the Suspend Status register to data
= 00h, see Figure 5 for SPI Mode and Figure 5.1 for Quad Mode. A device reset during an active
Program or Erase operation aborts the operation, which can cause the data of the targeted address
range to be corrupted or lost. Depending on the prior operation, the reset timing may vary. Recovery
from a Write operation requires more software latency time ( tSR) than recovery from other operations.
Figure 5. Reset-Enable and Reset Sequence Diagram
Figure 5.1 . Reset-Enable and Reset Sequence Diagram under EQPI Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn