Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S16 Datasheet(PDF) 12 Page - Eon Silicon Solution Inc.

Part No. EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S16 Datasheet(HTML) 12 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
12
EN25S16
Rev. H, Issue Date: 2011/12/16
Table 4B. Instruction Set (Read Instruction)
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Dual Output Fast
Read
3Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0, …) (1)
(one byte
per 4 clocks,
continuous)
Dual I/O Fast Read
BBh
A23-A8(2)
A7-A0,
dummy (2)
(D7-D0, …) (1)
(one byte
per 4 clocks,
continuous)
Quad I/O Fast Read
EBh
A23-A0,
dummy (4)
(
dummy,
D7-D0 ) (5)
(D7-D0, …) (3)
(one byte
per 2 clocks,
continuous)
Set Burst
C0h,
(D7-D0)
(6)
Read Burst with
wrap
0Ch,
A23-A0,
dummy (7),
(D7-D0 ) (3)
(D7-D0, …) (3)
(one byte
per 2 clocks,
continuous)
Notes:
1. Dual Output data
DQ0 = (D6, D4, D2, D0)
DQ1 = (D7, D5, D3, D1)
2. Dual Input Address
DQ0 = A22, A20, A18, A16, A14, A12, A10, A8 ; A6, A4, A2, A0, dummy 6, dummy 4, dummy 2, dummy 0
DQ1 = A23, A21, A19, A17, A15, A13, A11, A9 ; A7, A5, A3, A1, dummy 7, dummy 5, dummy 3, dummy 1
3. Quad Data
DQ0 = (D4, D0, …… )
DQ1 = (D5, D1, …… )
DQ2 = (D6, D2, …... )
DQ3 = (D7, D3, …... )
4. Quad Input Address
DQ0 = A20, A16, A12, A8, A4, A0, dummy 4, dummy 0
DQ1 = A21, A17, A13, A9, A5, A1, dummy 5, dummy 1
DQ2 = A22, A18, A14, A10, A6, A2, dummy 6, dummy 2
DQ3 = A23, A19, A15, A11, A7, A3, dummy 7, dummy 3
5. Quad I/O Fast Read Data
DQ0 = ( dummy 12, dummy 8, dummy 4, dummy 0, D4, D0 )
DQ1 = ( dummy 13, dummy 9, dummy 5, dummy 1, D5, D1 )
DQ2 = ( dummy 14, dummy 10, dummy 6, dummy 2, D6, D2 )
DQ3 = ( dummy 15, dummy 11, dummy 7, dummy 3, D7, D3 )
6. Set burst and Wrap Length
Table 5. Burst length configuration table
Data to setup
Burst length
Burst wrap (A[7:A0]) address range
00h
8 Bytes ( default) 00-07H, 08-0FH, 10-17H, 18-1FH...
01h
16 Bytes
00-0FH, 10-1FH, 20-2FH, 30-3FH...
02h
32 Bytes
00-1FH, 20-3FH, 40-5FH, 60-7FH...
03h
64 Bytes
00-3FH, 40-7FH, 80-BFH, C0-FFH
04h
128 Bytes
00-7FH, 80-FFH
05h
256 Bytes
00-FFH
If input data is not between 00h~05h or user does not Set Burst, the Burst length will be 8 Bytes in
default.
7. Two dummy cycles (4 clocks) are necessary for Read Burst with Wrap mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn