Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S16 Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part No. EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S16 Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
11
EN25S16
Rev. H, Issue Date: 2011/12/16
Table 4A. Instruction Set
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
RSTEN
66h
RST(1)
99h
EQPI
38h
RSTQIO(2)
Release Quad I/O or
Fast Read Enhanced
Mode
FFh
Write Enable
06h
Write Disable / Exit
OTP mode
04h
Read Status
Register
05h
(S7-S0)(3)
continuous(4)
Read Suspend
Status Register
09h
(S7-S0)(3)
continuous(4)
Write Status
Register
01h
S7-S0
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
Next byte
continuous
Write Suspend
B0h
Write Resume
30h
Sector Erase / OTP
erase
20h
A23-A16
A15-A8
A7-A0
32K Block Erase
52h
A23-A16
A15-A8
A7-A0
64K Block Erase
D8h
A23-A16
A15-A8
A7-A0
Chip Erase
C7h/ 60h
Deep Power-down
B9h
Release from Deep
Power-down, and
read Device ID
dummy
dummy
dummy
(ID7-ID0)
(5)
Release from Deep
Power-down
ABh
00h
(M7-M0)
(ID7-ID0)
Manufacturer/
Device ID
90h
dummy
dummy
01h
(ID7-ID0)
(M7-M0)
(6)
Read Identification
9Fh
(M7-M0)
(ID15-ID8)
(ID7-ID0)
(7)
Enter OTP mode
3Ah
Notes:
1. RST command only executed if RSTEN command is executed first. Any intervening command will disable Reset.
2. Device accepts eight-clocks command in Standard SPI mode, or two-clocks command in Quad SPI mode
3. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from the
device on the DO pin.
4. The Status Register contents will repeat continuously until CS# terminate the instruction.
5. The Device ID will repeat continuously until CS# terminates the instruction.
6. The Manufacturer ID and Device ID bytes will repeat continuously until CS# terminates the instruction.
00h on Byte 4 starts with MID and alternate with DID, 01h on Byte 4 starts with DID and alternate with MID.
7. (M7-M0) : Manufacturer, (ID15-ID8) : Memory Type, (ID7-ID0) : Memory Capacity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn