Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S16 Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part No. EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S16 Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
6
EN25S16
Rev. H, Issue Date: 2011/12/16
Table 2. Uniform Block Sector Architecture
64KB
Block
32KB
Block
Sector
Address range
64KB
Block
32KB
Block
Sector
Address range
511
1FF000h
1FFFFFh
255
0FF000h
0FFFFFh
63
31
31
62
496
1F0000h
1F0FFFh
15
30
240
0F0000h
0F0FFFh
495
1EF000h
1EFFFFh
239
0EF000h
0EFFFFh
61
29
30
60
480
1E0000h
1E0FFFh
14
28
224
0E0000h
0E0FFFh
479
1DF000h
1DFFFFh
223
0DF000h
0DFFFFh
59
27
29
58
464
1D0000h
1D0FFFh
13
26
208
0D0000h
0D0FFFh
463
1CF000h
1CFFFFh
207
0CF000h
0CFFFFh
57
25
28
56
448
1C0000h
1C0FFFh
12
24
192
0C0000h
0C0FFFh
447
1BF000h
1BFFFFh
191
0BF000h
0BFFFFh
55
13
27
54
432
1B0000h
1B0FFFh
11
22
176
0B0000h
0B0FFFh
431
1AF000h
1AFFFFh
175
0AF000h
0AFFFFh
53
21
26
52
416
1A0000h
1A0FFFh
10
20
160
0A0000h
0A0FFFh
415
19F000h
19FFFF
159
09F000h
09FFFFh
51
19
25
50
400
190000h
190FFFh
9
18
144
090000h
090FFFh
399
18F000h
18FFFFh
143
08F000h
08FFFFh
49
17
24
48
384
180000h
180FFFh
8
16
128
080000h
080FFFh
383
17F000h
17FFFFh
127
07F000h
07FFFFh
47
15
23
46
368
170000h
170FFFh
7
14
112
070000h
070FFFh
367
16F000h
16FFFFh
111
06F000h
06FFFFh
45
13
22
44
352
160000
160FFFh
6
12
96
060000h
060FFFh
351
15F000
15FFFFh
95
05F000h
05FFFFh
43
11
21
42
336
150000h
150FFFh
5
10
80
050000h
050FFFh
335
14F000h
14FFFFh
79
04F000h
04FFFFh
41
9
20
40
320
140000h
140FFFh
4
8
64
040000h
040FFFh
319
13F000h
13FFFFh
63
03F000h
03FFFFh
39
7
19
38
304
130000h
130FFFh
3
6
48
030000h
030FFFh
303
12F000h
12FFFFh
47
02F000h
02FFFFh
37
5
18
36
288
120000h
120FFFh
2
4
32
020000h
020FFFh
287
11F000h
11FFFFh
31
01F000h
01FFFFh
35
3
17
34
272
110000h
110FFFh
1
2
16
010000h
010FFFh
271
10F000h
10FFFFh
15
00F000h
00FFFFh
33
1
16
32
256
100000h
100FFFh
0
0
0
000000h
000FFFh


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn