Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S16 Datasheet(PDF) 46 Page - Eon Silicon Solution Inc.

Part # EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S16 Datasheet(HTML) 46 Page - Eon Silicon Solution Inc.

Back Button EN25S16 Datasheet HTML 42Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 43Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 44Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 45Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 46Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 47Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 48Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 49Page - Eon Silicon Solution Inc. EN25S16 Datasheet HTML 50Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
46
EN25S16
Rev. H, Issue Date: 2011/12/16
OTP mode, user can read other sectors, but program/erase other sectors only allowed when
OTP_LOCK bit equal to ‘0’.
User can use WRDI (04H) command to exit OTP mode.
Erase OTP Command (20h)
User can use Sector Erase (20h) command only to erase OTP data.
The instruction sequence is shown in Figure 34.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.
Table 11. OTP Sector Address
Sector
Sector Size
Address Range
511
512 byte
1FF000h – 1FF1FFh
Note:
The OTP sector is mapping to sector 511
Figure 34. Enter OTP Mode
Figure 34.1 Enter OTP Mode Sequence under EQPI Mode


Similar Part No. - EN25S16

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S16

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com