Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S16 Datasheet(PDF) 41 Page - Eon Silicon Solution Inc.

Part No. EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S16 Datasheet(HTML) 41 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
41
EN25S16
Rev. H, Issue Date: 2011/12/16
Figure 28. Chip Erase Instruction Sequence Diagram
Figure 28.1 Chip Erase Sequence under EQPI Mode
Deep Power-down (DP) (B9h)
Executing the Deep Power-down (DP) instruction is the only way to put the device in the lowest con-
sumption mode (the Deep Power-down mode). It can also be used as an extra software protection
mechanism, while the device is not in active use, since in this mode, the device ignores all Write,
Program and Erase instructions.
Driving Chip Select (CS#) High deselects the device, and puts the device in the Standby mode (if there
is no internal cycle currently in progress). But this mode is not the Deep Power-down mode. The Deep
Power-down mode can only be entered by executing the Deep Power-down (DP) instruction, to reduce
the standby current (from ICC1 to ICC2, as specified in Table 13.)
Once the device has entered the Deep Power-down mode, all instructions are ignored except the
Release from Deep Power-down and Read Device ID (RDI) instruction. This releases the device from
this mode. The Release from Deep Power-down and Read Device ID (RDI) instruction also allows the


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn