Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S16 Datasheet(PDF) 26 Page - Eon Silicon Solution Inc.

Part No. EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S16 Datasheet(HTML) 26 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
26
EN25S16
Rev. H, Issue Date: 2011/12/16
Dual Input / Output FAST_READ (BBh)
The Dual I/O Fast Read (BBh) instruction allows for improved random access while maintaining two IO
pins, DQ0 and DQ1. It is similar to the Dual Output Fast Read (3Bh) instruction but with the capability to
input the Address bits (A23-0) two bits per clock. This reduced instruction overhead may allow for code
execution (XIP) directly from the Dual SPI in some applications.
The Dual I/O Fast Read instruction enable double throughput of Serial Flash in read mode. The
address is latched on rising edge of CLK, and data of every two bits (interleave 2 I/O pins) shift out on
the falling edge of CLK at a maximum frequency. The first address can be at any location. The address
is automatically increased to the next higher address after each byte data is shifted out, so the whole
memory can be read out at a single Dual I/O Fast Read instruction. The address counter rolls over to 0
when the highest address has been reached. Once writing Dual I/O Fast Read instruction, the following
address/dummy/data out will perform as 2-bit instead of previous 1-bit, as shown in Figure 15.
Figure 15. Dual Input / Output Fast Read Instruction Sequence Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn