Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S16 Datasheet(PDF) 21 Page - Eon Silicon Solution Inc.

Part No. EN25S16
Description  16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S16 Datasheet(HTML) 21 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
21
EN25S16
Rev. H, Issue Date: 2011/12/16
WSE bit.
The Write Suspend Erase Status (WSE) bit indicates when an Erase operation has been
suspended. The WSE bit is “1” after the host issues a suspend command during an Erase operation.
Once the suspended Erase resumes, the WSE bit is reset to “0”.
WSP bit.
The Write Suspend Program Status (WSP) bit indicates when a Program operation has been
suspended. The WSP is “1” after the host issues a suspend command during the Program operation.
Once the suspended Program resumes, the WSP bit is reset to “0”.
Fail bit.
The fail bit, volatile bit, it will latched high when erase or program or WRSR failed. It will be
reset after new embedded program and erase cycle re-stared or power on or software reset.
WIP bit.
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write Suspend or
Write Resume cycle. When set to 1, such a cycle is in progress, when reset to 0 no such cycle is in
progress.
Write Status Register (WRSR) (01h)
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable (WREN) instruction must previously have been executed.
After the Write Enable (WREN) instruction has been decoded and executed, the device sets the Write
Enable Latch (WEL).
The Write Status Register (WRSR) instruction is entered by driving Chip Select (CS#) Low, followed by
the instruction code and the data byte on Serial Data Input (DI).
The instruction sequence is shown in Figure 11. The Write Status Register (WRSR) instruction has no
effect on S1 and S0 of the Status Register. Chip Select (CS#) must be driven High after the eighth bit of
the data byte has been latched in. If not, the Write Status Register (WRSR) instruction is not executed.
As soon as Chip Select (CS#) is driven High, the self-timed Write Status Register cycle (whose
duration is tW) is initiated. While the Write Status Register cycle is in progress, the Status Register may
still be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Write Status Register cycle, and is 0 when it is completed. When the cycle is
completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) instruction allows the user to change the values of the Block Protect
(BP3, BP2, BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in
Table 3. The Write Status Register (WRSR) instruction also allows the user to set or reset the Status
Register Protect (SRP) bit in accordance with the Write Protect (WP#) signal. The Status Register
Protect (SRP) bit and Write Protect (WP#) signal allow the device to be put in the Hardware Protected
Mode (HPM). The Write Status Register (WRSR) instruction is not executed once the Hardware
Protected Mode (HPM) is entered.
The instruction sequence is shown in Figure 11.1 while using the Enable Quad Peripheral Interface mode
(EQPI) (38h) command.
NOTE : In the OTP mode, WRSR command will ignore input data and program OTP_LOCK bit to 1.
Figure 11. Write Status Register Instruction Sequence Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn