Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EN25S10 Datasheet(PDF) 22 Page - Eon Silicon Solution Inc.

Part No. EN25S10
Description  1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EON [Eon Silicon Solution Inc.]
Homepage  http://www.essi.com.tw
Logo 

EN25S10 Datasheet(HTML) 22 Page - Eon Silicon Solution Inc.

Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
22
EN25S10
Rev. F, Issue Date: 2011/11/07
Figure 18. Read Manufacturer / Device ID Diagram
Read Identification (RDID) (9Fh)
The Read Identification (RDID) instruction allows the 8-bit manufacturer identification to be read,
followed by two bytes of device identification. The device identification indicates the memory type in the
first byte , and the memory capacity of the device in the second byte .
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is not
decoded, and has no effect on the cycle that is in progress. The Read Identification (RDID) instruction
should not be issued while the device is in Deep Power down mode.
The device is first selected by driving Chip Select Low. Then, the 8-bit instruction code for the
instruction is shifted in. This is followed by the 24-bit device identification, stored in the memory, being
shifted out on Serial Data Output , each bit being shifted out during the falling edge of Serial Clock .
The instruction sequence is shown in Figure 19. The Read Identification (RDID) instruction is
terminated by driving Chip Select High at any time during data output.
When Chip Select is driven High, the device is put in the Standby Power mode. Once in the Standby
Power mode, the device waits to be selected, so that it can receive, decode and execute instructions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn