Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25QH32 Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN25QH32
Description  32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25QH32 Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN25QH32 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25QH32 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25QH32 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25QH32 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25QH32 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25QH32 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25QH32 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25QH32 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25QH32 Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
8
EN25QH32
Rev. E, Issue Date: 2012/01/30
Table 2. Uniform Block Sector Architecture ( 2/2 )
Block
Sector
Address range
511
1FF000h
1FFFFFh
31
496
1F0000h
1F0FFFh
495
1EF000h
1EFFFFh
30
480
1E0000h
1E0FFFh
479
1DF000h
1DFFFFh
29
464
1D0000h
1D0FFFh
463
1CF000h
1CFFFFh
28
448
1C0000h
1C0FFFh
447
1BF000h
1BFFFFh
27
432
1B0000h
1B0FFFh
431
1AF000h
1AFFFFh
26
416
1A0000h
1A0FFFh
415
19F000h
19FFFF
25
400
190000h
190FFFh
399
18F000h
18FFFFh
24
384
180000h
180FFFh
383
17F000h
17FFFFh
23
368
170000h
170FFFh
367
16F000h
16FFFFh
22
352
160000
160FFFh
351
15F000
15FFFFh
21
336
150000h
150FFFh
335
14F000h
14FFFFh
20
320
140000h
140FFFh
319
13F000h
13FFFFh
19
304
130000h
130FFFh
303
12F000h
12FFFFh
18
288
120000h
120FFFh
287
11F000h
11FFFFh
17
272
110000h
110FFFh
271
10F000h
10FFFFh
16
256
100000h
100FFFh
Block
Sector
Address range
255
0FF000h
0FFFFFh
15
240
0F0000h
0F0FFFh
239
0EF000h
0EFFFFh
14
224
0E0000h
0E0FFFh
223
0DF000h
0DFFFFh
13
208
0D0000h
0D0FFFh
207
0CF000h
0CFFFFh
12
192
0C0000h
0C0FFFh
191
0BF000h
0BFFFFh
11
176
0B0000h
0B0FFFh
175
0AF000h
0AFFFFh
10
160
0A0000h
0A0FFFh
159
09F000h
09FFFFh
9
144
090000h
090FFFh
143
08F000h
08FFFFh
8
128
080000h
080FFFh
127
07F000h
07FFFFh
7
112
070000h
070FFFh
111
06F000h
06FFFFh
6
96
060000h
060FFFh
95
05F000h
05FFFFh
5
80
050000h
050FFFh
79
04F000h
04FFFFh
4
64
040000h
040FFFh
63
03F000h
03FFFFh
3
48
030000h
030FFFh
47
02F000h
02FFFFh
2
32
020000h
020FFFh
31
01F000h
01FFFFh
1
16
010000h
010FFFh
15
00F000h
00FFFFh
4
004000h
004FFFh
3
003000h
003FFFh
2
002000h
002FFFh
1
001000h
001FFFh
0
0
000000h
000FFFh


Similar Part No. - EN25QH32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25QH32

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32A EON-EN25Q32A Datasheet
1Mb / 52P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q32B EON-EN25Q32B Datasheet
1Mb / 56P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25Q32 ETC1-EN25Q32 Datasheet
618Kb / 42P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25Q32C EON-EN25Q32C Datasheet
1Mb / 62P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S32 EON-EN25S32 Datasheet
1Mb / 59P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com