Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4817 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TDA4817
Description  Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4817 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TDA4817 Datasheet HTML 1Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 2Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 3Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 4Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 5Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 6Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 7Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 8Page - Siemens Semiconductor Group TDA4817 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Semiconductor Group
4
Circuit Description
This device has a conditioning circuit for the internal power supply. It allows standby operation with
very low current consumption (less than 0.5 mA), a hysteresis between enable and switch-off levels
and an internal voltage stabilization. An integrated Z-diode limits the voltage on V
S, when impressed
current is fed.
The output driver (Q SIP) is controlled by detector input and current comparator.
The detector input (I DET) which is highly resistive in the operating state reacts on hysteresis-
determined voltage levels. To keep down the amount of circuitry required, clamping diodes are
provided which allow control by a current source.
The operating state of the boost converter choke is sensed via the detector input. H-level means
that the choke discharges and the output driver is inhibited. H-level sets a flip-flop, which stores the
switch-off instruction of the current comparator to reduce susceptibility to interference. As soon as
demagnetization is finished the choke voltage reverses and the detector input is set to L-level, thus
enabling the output driver. This ensures that the choke is always currentless when the SIPMOS
transistor switches on and that no current gaps appear.
The nominal voltage of the multiplier output is compared to the voltage derived from the actual line
current (– I COMP), thus setting the switch-off threshold of the comparator. The current comparator
blocks the output driver when the nominal peak value of the choke current given by the multiplier
output is reached.
This state is maintained in the flip-flop until H-level appears at detector input which takes over the
hold function and resets the flip-flop.
Operating states might occur without any useful detector signal. This is the case with magnetic
saturation of the choke and when the input voltage approaches or exceeds the output voltage as,
for example, during switch-on. The driver remains inhibited for the flip-flop due to the absent set
signal.
The trigger signal can be derived from the subsequent lamp generator or a SMPS control device.
The trigger signal level should be so low that with standard operation the signal from the detector
winding dominates. The multiplier delivers the preset nominal value for the current comparator by
multiplying the input voltage (IM1), which determines the nominal waveform and the output voltage
of the control amplifier.
The control amplifier stabilizes the output dc voltage of the active harmonic filter in the event of load
and input voltage changes. The control amplifier compares the actual output voltage to a
reference voltage which is provided in the IC and stable with temperature.
Output Driver
The output driver is intended to drive a SIPMOS transistor directly.
It is designed as a push-pull stage.
Both the capacitive input impedance and keeping the gate level at zero potential in standby
operation by an internal 10-k
Ω-resistor are taken into account. Possible effects on the output driver
by line inductances or capacitive couplings via SIPMOS transistor Miller capacitance are limited by
diodes connected to ground and supply voltage.
TDA 4817


Similar Part No. - TDA4817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4810 PHILIPS-TDA4810 Datasheet
968Kb / 14P
   SYNC PROCESSOR AND HORIZONTAL DRIVE FOR MONITORS
May 1991
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4814A SIEMENS-TDA4814A Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
More results

Similar Description - TDA4817

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com