Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1000-2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # S1000-2
Description  RF Power LDMOS Transistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S1000-2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button S1000-2 Datasheet HTML 3Page - Freescale Semiconductor, Inc S1000-2 Datasheet HTML 4Page - Freescale Semiconductor, Inc S1000-2 Datasheet HTML 5Page - Freescale Semiconductor, Inc S1000-2 Datasheet HTML 6Page - Freescale Semiconductor, Inc S1000-2 Datasheet HTML 7Page - Freescale Semiconductor, Inc S1000-2 Datasheet HTML 8Page - Freescale Semiconductor, Inc S1000-2 Datasheet HTML 9Page - Freescale Semiconductor, Inc S1000-2 Datasheet HTML 10Page - Freescale Semiconductor, Inc S1000-2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 520 MHz
0
0
25
12
3
4
5
6
20
5
15
10
30
f = 520 MHz
VDD = 12.5 Vdc
Pin =0.3 W
VDD = 13.6 Vdc, Pin =0.3 W
VDD = 12.5 Vdc, Pin =0.6 W
VDD = 13.6 Vdc, Pin =0.6 W
35
40
50
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 7. Output Power versus Gate--Source Voltage
Pin, INPUT POWER (WATTS)
11
14
12
0.03
3
Gps
40
60
50
10
30
17
16
15
18
70
80
90
0.1
Pout
VDD = 13.6 Vdc, IDQ =10 mA
f = 520 MHz
1
19
20
0
Figure 8. Power Gain, Output Power and Drain
Efficiency versus Input Power
45
20
13
ηD
VDD = 13.6 Vdc, IDQ =10 mA, Pout =31 W Avg.
f
MHz
Zsource
Zload
520
0.72 + j1.77
1.54 + j0.80
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 9. Narrowband Series Equivalent Source and Load Impedance — 520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 Ω
50 Ω


Similar Part No. - S1000-2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S1000-2 FREESCALE-S1000-2 Datasheet
985Kb / 21P
   RF Power LDMOS Transistors
More results

Similar Description - S1000-2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com