Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK10DX64VMP5 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MK10DX64VMP5
Description  K10 Sub-Family
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10DX64VMP5 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MK10DX64VMP5 Datasheet HTML 43Page - Freescale Semiconductor, Inc MK10DX64VMP5 Datasheet HTML 44Page - Freescale Semiconductor, Inc MK10DX64VMP5 Datasheet HTML 45Page - Freescale Semiconductor, Inc MK10DX64VMP5 Datasheet HTML 46Page - Freescale Semiconductor, Inc MK10DX64VMP5 Datasheet HTML 47Page - Freescale Semiconductor, Inc MK10DX64VMP5 Datasheet HTML 48Page - Freescale Semiconductor, Inc MK10DX64VMP5 Datasheet HTML 49Page - Freescale Semiconductor, Inc MK10DX64VMP5 Datasheet HTML 50Page - Freescale Semiconductor, Inc MK10DX64VMP5 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
Table 32. Master mode DSPI timing (full voltage range) (continued)
Num
Description
Min.
Max.
Unit
Notes
DS3
DSPI_PCSn valid to DSPI_SCK delay
(tBUS x 2) −
4
ns
2
DS4
DSPI_SCK to DSPI_PCSn invalid delay
(tBUS x 2) −
4
ns
3
DS5
DSPI_SCK to DSPI_SOUT valid
8.5
ns
DS6
DSPI_SCK to DSPI_SOUT invalid
-1.2
ns
DS7
DSPI_SIN to DSPI_SCK input setup
19.1
ns
DS8
DSPI_SCK to DSPI_SIN input hold
0
ns
1. The DSPI module can operate across the entire operating voltage for the processor, but to run across the full voltage
range the maximum frequency of operation is reduced.
2. The delay is programmable in SPIx_CTARn[PSSCK] and SPIx_CTARn[CSSCK].
3. The delay is programmable in SPIx_CTARn[PASC] and SPIx_CTARn[ASC].
DS3
DS4
DS1
DS2
DS7
DS8
First data
Last data
DS5
First data
Data
Last data
DS6
Data
DSPI_PCSn
DSPI_SCK
(CPOL=0)
DSPI_SIN
DSPI_SOUT
Figure 17. DSPI classic SPI timing — master mode
Table 33. Slave mode DSPI timing (full voltage range)
Num
Description
Min.
Max.
Unit
Operating voltage
1.71
3.6
V
Frequency of operation
6.25
MHz
DS9
DSPI_SCK input cycle time
8 x tBUS
ns
DS10
DSPI_SCK input high/low time
(tSCK/2) - 4
(tSCK/2) + 4
ns
DS11
DSPI_SCK to DSPI_SOUT valid
24
ns
DS12
DSPI_SCK to DSPI_SOUT invalid
0
ns
DS13
DSPI_SIN to DSPI_SCK input setup
3.2
ns
DS14
DSPI_SCK to DSPI_SIN input hold
7
ns
DS15
DSPI_SS active to DSPI_SOUT driven
19
ns
DS16
DSPI_SS inactive to DSPI_SOUT not driven
19
ns
Peripheral operating requirements and behaviors
K10 Sub-Family Data Sheet, Rev. 4 5/2012.
Freescale Semiconductor, Inc.
47


Similar Part No. - MK10DX64VMP5

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MK10DX64VMP5 NXP-MK10DX64VMP5 Datasheet
2Mb / 61P
   K10 Sub-Family
Rev. 4 5/2012
MK10DX64VMP5 NXP-MK10DX64VMP5 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
More results

Similar Description - MK10DX64VMP5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P32M50SF0 FREESCALE-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
logo
NXP Semiconductors
K10P144M120SF3 NXP-K10P144M120SF3 Datasheet
1Mb / 80P
   K10 Sub-Family
Rev. 7, 02/2018
K10P81M100SF2 NXP-K10P81M100SF2 Datasheet
2Mb / 71P
   K10 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K10P121M100SF2V2 FREESCALE-K10P121M100SF2V2 Datasheet
1Mb / 70P
   K10 Sub-Family
K10P48M50SF0 FREESCALE-K10P48M50SF0 Datasheet
1Mb / 59P
   K10 Sub-Family
K10P100M72SF1 FREESCALE-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
K10P81M72SF1 FREESCALE-K10P81M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
logo
NXP Semiconductors
K10P100M72SF1 NXP-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
Rev. 2, 4/2012
K10P32M50SF0 NXP-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
Rev. 4 5/2012
K10P100M100SF2V2 NXP-K10P100M100SF2V2 Datasheet
1Mb / 72P
   K10 Sub-Family
Rev. 3, 6/2013
K10P100M100SF2 NXP-K10P100M100SF2 Datasheet
2Mb / 68P
   K10 Sub-Family
Rev. 7, 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com