Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK10DX64VLK7 Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MK10DX64VLK7
Description  K10 Sub-Family
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK10DX64VLK7 Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MK10DX64VLK7 Datasheet HTML 47Page - Freescale Semiconductor, Inc MK10DX64VLK7 Datasheet HTML 48Page - Freescale Semiconductor, Inc MK10DX64VLK7 Datasheet HTML 49Page - Freescale Semiconductor, Inc MK10DX64VLK7 Datasheet HTML 50Page - Freescale Semiconductor, Inc MK10DX64VLK7 Datasheet HTML 51Page - Freescale Semiconductor, Inc MK10DX64VLK7 Datasheet HTML 52Page - Freescale Semiconductor, Inc MK10DX64VLK7 Datasheet HTML 53Page - Freescale Semiconductor, Inc MK10DX64VLK7 Datasheet HTML 54Page - Freescale Semiconductor, Inc MK10DX64VLK7 Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
6.6.3.2 12-bit DAC operating behaviors
Table 31. 12-bit DAC operating behaviors
Symbol Description
Min.
Typ.
Max.
Unit
Notes
IDDA_DACL
P
Supply current — low-power mode
150
μA
IDDA_DAC
HP
Supply current — high-speed mode
700
μA
tDACLP
Full-scale settling time (0x080 to 0xF7F) —
low-power mode
100
200
μs
1
tDACHP
Full-scale settling time (0x080 to 0xF7F) —
high-power mode
15
30
μs
1
tCCDACLP Code-to-code settling time (0xBF8 to
0xC08) — low-power mode and high-speed
mode
0.7
1
μs
1
Vdacoutl
DAC output voltage range low — high-
speed mode, no load, DAC set to 0x000
100
mV
Vdacouth DAC output voltage range high — high-
speed mode, no load, DAC set to 0xFFF
VDACR
−100
VDACR
mV
INL
Integral non-linearity error — high speed
mode
±8
LSB
2
DNL
Differential non-linearity error — VDACR > 2
V
±1
LSB
3
DNL
Differential non-linearity error — VDACR =
VREF_OUT
±1
LSB
4
VOFFSET Offset error
±0.4
±0.8
%FSR
5
EG
Gain error
±0.1
±0.6
%FSR
5
PSRR
Power supply rejection ratio, VDDA > = 2.4 V
60
90
dB
TCO
Temperature coefficient offset voltage
3.7
μV/C
6
TGE
Temperature coefficient gain error
0.000421
%FSR/C
Rop
Output resistance load = 3 kΩ
250
Ω
SR
Slew rate -80h→ F7Fh→ 80h
• High power (SPHP)
• Low power (SPLP)
1.2
0.05
1.7
0.12
V/μs
CT
Channel to channel cross talk
-80
dB
BW
3dB bandwidth
• High power (SPHP)
• Low power (SPLP)
550
40
kHz
1. Settling within ±1 LSB
2. The INL is measured for 0+100mV to VDACR−100 mV
3. The DNL is measured for 0+100 mV to VDACR−100 mV
4. The DNL is measured for 0+100mV to VDACR−100 mV with VDDA > 2.4V
5. Calculated by a best fit curve from VSS+100 mV to VDACR−100 mV
Peripheral operating requirements and behaviors
K10 Sub-Family Data Sheet, Rev. 2, 4/2012.
Freescale Semiconductor, Inc.
51


Similar Part No. - MK10DX64VLK7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK10DX64VLF5 FREESCALE-MK10DX64VLF5 Datasheet
1Mb / 59P
   K10 Sub-Family
logo
NXP Semiconductors
MK10DX64VLF5 NXP-MK10DX64VLF5 Datasheet
2Mb / 59P
   K10 Sub-Family
Rev. 4 5/2012
logo
Freescale Semiconductor...
MK10DX64VLH5 FREESCALE-MK10DX64VLH5 Datasheet
1Mb / 61P
   K10 Sub-Family
logo
NXP Semiconductors
MK10DX64VLH5 NXP-MK10DX64VLH5 Datasheet
2Mb / 61P
   K10 Sub-Family
Rev. 4 5/2012
MK10DX64VLH5 NXP-MK10DX64VLH5 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
More results

Similar Description - MK10DX64VLK7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P32M50SF0 FREESCALE-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
logo
NXP Semiconductors
K10P144M120SF3 NXP-K10P144M120SF3 Datasheet
1Mb / 80P
   K10 Sub-Family
Rev. 7, 02/2018
K10P81M100SF2 NXP-K10P81M100SF2 Datasheet
2Mb / 71P
   K10 Sub-Family
Rev. 7, 02/2013
logo
Freescale Semiconductor...
K10P121M100SF2V2 FREESCALE-K10P121M100SF2V2 Datasheet
1Mb / 70P
   K10 Sub-Family
K10P48M50SF0 FREESCALE-K10P48M50SF0 Datasheet
1Mb / 59P
   K10 Sub-Family
K10P100M72SF1 FREESCALE-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
logo
NXP Semiconductors
K10P100M72SF1 NXP-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
Rev. 2, 4/2012
K10P32M50SF0 NXP-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
Rev. 4 5/2012
K10P100M100SF2V2 NXP-K10P100M100SF2V2 Datasheet
1Mb / 72P
   K10 Sub-Family
Rev. 3, 6/2013
K10P100M100SF2 NXP-K10P100M100SF2 Datasheet
2Mb / 68P
   K10 Sub-Family
Rev. 7, 02/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com