Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4605 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TDA4605
Description  Control IC for Switched-Mode Power Supplies using MOS-Transistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA4605 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TDA4605 Datasheet HTML 1Page - Siemens Semiconductor Group TDA4605 Datasheet HTML 2Page - Siemens Semiconductor Group TDA4605 Datasheet HTML 3Page - Siemens Semiconductor Group TDA4605 Datasheet HTML 4Page - Siemens Semiconductor Group TDA4605 Datasheet HTML 5Page - Siemens Semiconductor Group TDA4605 Datasheet HTML 6Page - Siemens Semiconductor Group TDA4605 Datasheet HTML 7Page - Siemens Semiconductor Group TDA4605 Datasheet HTML 8Page - Siemens Semiconductor Group TDA4605 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Semiconductor Group
35
TDA 4605
Pin Definitions and Functions
Pin No.
Function
1
Regulating Voltage: Information input concerning secondary voltage.
By comparing the regulating voltage - obtained from the regulating winding ot the
transformer - with the internal reference voltage, the output impulse width on pin 5
is adapted to the load ot the secondary side (normal, overload, short-circuit, no
load).
2
Primary Current Simulation: Information input regarding the primary current.
The primary current rise in the primary winding is simulated at pin 2 as a voltage
rise by means ot external RC-element. When a value is reached that is derived
from the regulating voltage at pin 1, the output impulse at pin 5 is terminated. The
RC-element serves to set the maximum power at the overload point set.
3
Input for Primary Voltage Monitoring: In the normal operation
V3 is moving
between the thresholds
V3H and V3L (V3H > V3 > V3L).
V3 < V3L: SMPS is switched OFF (line voltage too low).
V3 > V3H : Compensation of the overload point regulation (controlled by pin 2)
starts at
V3H : V3L = 1.7.
4
Ground
5
Output: Push-pull-output provides
± 1 A for rapid charge and discharge of the
gate capacitance ot the power MOS-transistor.
6
Supply Voltage Input: A stable internal reference voltage
VREF is derived from
the supply voltage also the switching thresholds
V6A , V6E , V6 max and V6 min for
the supply voltage detector. If
V6 > V6E then VREF is switched on and swiched off
when
V6 < V6A . In addition the logic is only enable for V6 min < V6 < V6 max.
7
Soft-Start: Input for soft-start. Start-up will begin with short pulses by connecting
a capacitor from pin 7 to ground.
8
Zero Detector: Input tor the oscillation feedback. After starting oscillation, every
zero transit of the feedback voltage (falling edge) triggers an output impulse at
pin 5. The trigger threshold is at + 50 mV typical.


Similar Part No. - TDA4605

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
119Kb / 7P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Siemens Semiconductor G...
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
More results

Similar Description - TDA4605

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Infineon Technologies A...
TDA4605-3 INFINEON-TDA4605-3 Datasheet
751Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
2002-07-01
logo
Siemens Semiconductor G...
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605_03 Datasheet
119Kb / 7P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com