Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1190029-7 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1-1190029-7
Description  TECHNICAL DATA SHEET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1190029-7 Datasheet(HTML) 3 Page - Tyco Electronics

  1-1190029-7 Datasheet HTML 1Page - Tyco Electronics 1-1190029-7 Datasheet HTML 2Page - Tyco Electronics 1-1190029-7 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.idento.com
Document number: TTDS-032
Date: Octobeter 2001
Issue: 1
Pages: 3
Business locations:
N America: + 1 650 361 3860 (West Coast)
Germany: + 49 (0) 6074 89080
UK: + 44 (0) 1495 244000 (Labels)
Japan: + 81 (0) 44 900 5102
N America: + 1 401 751 6505 (East Coast)
France: + 33 (0) 476 099696
UK: + 44 (0) 1793 528171 (Other products)
Singapore: + 65 (0) 4866 151
All the above information, including illustrations, is believed to be reliable.
Users, however, should independently evaluate the suitability of each product for their
application. Tyco Electronics makes no warranties as to the accuracy or completeness of the information and disclaims any liability regarding its use. Tyco Electronics
only obligations are those in the Standard Terms and Conditions of Sale for this product and in no case will Tyco Electronics be liable for any incidental, indirect or
consequential damages arising from the sale, resale, use or misuse of the product. Tyco Electronics Specifications are subject to change without notice. In addition Tyco
Electronics reserves the right to make changes in materials or processing, without notification to the Buyer, which do not affect compliance with any applicable
specification.
RayMark Six labels
PRINT PERMANENCE:
Note: see Tyco specification RW2029 for full performance & dimensional details.
THREAT
TEST METHOD
RESULT
White spirit /IPA mixture 23ºC (73ºF)
MIL-STD-202F 215F
Legible
Fluid splash resistance:
Brake fluid 23ºC (73ºF)
RW 2029
Legible
Petrol 23ºC (73ºF)
RW 2029
Legible
Fluid Immersion (followed by peel test):
Methylated spirit 24h 23ºC (73ºF)
MIL-M-81531 4.6.2
Legible; min 15N/25mm adhesion
Isopropyl alcohol 24h 23ºC (73ºF)
MIL-M-81531 4.6.2
Legible; min 15N/25mm adhesion
Petrol 24h 23ºC (73ºF)
MIL-M-81531 4.6.2
Legible; min 5N/25mm adhesion
Hydraulic fluid 28 days 50ºC (122ºF)
MIL-M-81531 4.6.2
Legible; min 15N/25mm adhesion
Lubricating oil 28 days 50ºC (122ºF)
MIL-M-81531 4.6.2
Legible; min 15N/25mm adhesion
Hydraulic fluid 24h 23ºC (73ºF)
MIL-M-81531 4.6.2
Legible; min 15N/25mm adhesion
Aviation Fuel 24h 23ºC (73ºF)
MIL-M-81531 4.6.2
Legible; min 15N/25mm adhesion
Diesel fuel 24h 23ºC (73ºF)
MIL-M-81531 4.6.2
Legible; min 15N/25mm adhesion
Boiling water 2h
MIL-M-81531 4.6.2
Legible; min 15N/25mm adhesion


Similar Part No. - 1-1190029-7

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
1-1193752-2 PANDUIT-1-1193752-2 Datasheet
131Kb / 2P
   SPLICE, COAXIAL CABLE, ENVIRONMENT RESISTANT
1-1195133-5 PANDUIT-1-1195133-5 Datasheet
130Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICER: Nickel Plated, Color Coded, with Inspection Slots
1-1195133-8 PANDUIT-1-1195133-8 Datasheet
130Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICER: Nickel Plated, Color Coded, with Inspection Slots
1-1195134-7 PANDUIT-1-1195134-7 Datasheet
104Kb / 1P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1
1-1195971-3 PANDUIT-1-1195971-3 Datasheet
107Kb / 1P
   (1 TO 1 SPLICES-CRIMP) SOLDERSHIELD SPLICE KIT, SHIELDED CABLE
More results

Similar Description - 1-1190029-7

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com