Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0041.2352 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 0041.2352
Description  Illuminated pushbutton EMF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0041.2352 Datasheet(HTML) 4 Page - Schurter Inc.

  0041.2352 Datasheet HTML 1Page - Schurter Inc. 0041.2352 Datasheet HTML 2Page - Schurter Inc. 0041.2352 Datasheet HTML 3Page - Schurter Inc. 0041.2352 Datasheet HTML 4Page - Schurter Inc. 0041.2352 Datasheet HTML 5Page - Schurter Inc. 0041.2352 Datasheet HTML 6Page - Schurter Inc. 0041.2352 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Zubehör EMF
Accessories EMF
Ausführungen
Models
Streuscheiben
Legend plate insert
HALT
AB
ZU
AUF
AUS
EIN
EIN
I
O
Kalotten
Lenses
glasklar
clear glass
rotklar
clear red
grünklar
clear green
gelbklar
clear yellow
blauklar
clear blue
opal
pearl
rot gedeckt
diffuse red
grün gedeckt
diffuse green
gelb gedeckt
diffuse yellow
blau gedeckt
diffuse blue
schwarz*
black*
weiß / opak
white / pearl
0854.0601
0854.0602
0854.0603
0854.0604
0854.0605
0854.0611
0854.0612
0854.0613
0854.0614
0854.0615
0854.0616
0854.0872
0854.1602
0854.1603
0854.1604
0854.1605
0854.1606
0854.1607
0854.1608
0854.1609
0854.1610
0854.1611
0854.1612
0854.1613
0854.0581
0854.0582
0854.0583
0854.0584
0854.0585
0854.0591
0854.0592
0854.0593
0854.0594
0854.0595
0854.0596
0854.0871
0854.1402
0854.1403
0854.1404
0854.1405
0854.1406
0854.1407
0854.1408
0854.1409
0854.1410
0854.1411
0854.1412
0854.1413
0854.0621
0854.0622
0854.0623
0854.0624
0854.0625
0854.0631
0854.0632
0854.0633
0854.0634
0854.0635
0854.0636
0854.0873
0854.1802
0854.1803
0854.1804
0854.1805
0854.1806
0854.1807
0854.1808
0854.1809
0854.1810
0854.1811
0854.1812
0854.1813
Farbe
Colour
Artikelnummer
Part Number
Artikelnummer
Part Number
Artikelnummer
Part Number
Ø 18 mm
18x18 mm
18x24 mm
Farbe der Streuscheibe weiß/opak. Beschriftet nur zusammen mit klarfarbigen Kalotten verwenden.
The white/transluscent legend plate with black inscriptions use only with clear glass lenses.
Andere Beschriftungen und Symbole auf Anfrage / Other legends available on request.
*Für beleuchtete Anwendungen nicht empfohlen / *Not recommended for illuminated switches.


Similar Part No. - 0041.2352

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0041.0401 SCHURTER-0041.0401 Datasheet
263Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
0041.0402 SCHURTER-0041.0402 Datasheet
114Kb / 3P
   DATA SWITCHES.MOMENTARY (SDK) ACTION
0041.0402 SCHURTER-0041.0402 Datasheet
263Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
0041.0411 SCHURTER-0041.0411 Datasheet
114Kb / 3P
   DATA SWITCHES.MOMENTARY (SDK) ACTION
0041.8841.3107 SCHURTER-0041.8841.3107 Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
More results

Similar Description - 0041.2352

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
logo
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST06 SCHNEIDER-XB5AWCUST06 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST10 SCHNEIDER-XB5AWCUST10 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com