Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0041.2304 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0041.2304
Description  Illuminated pushbutton EMF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0041.2304 Datasheet(HTML) 1 Page - Schurter Inc.

  0041.2304 Datasheet HTML 1Page - Schurter Inc. 0041.2304 Datasheet HTML 2Page - Schurter Inc. 0041.2304 Datasheet HTML 3Page - Schurter Inc. 0041.2304 Datasheet HTML 4Page - Schurter Inc. 0041.2304 Datasheet HTML 5Page - Schurter Inc. 0041.2304 Datasheet HTML 6Page - Schurter Inc. 0041.2304 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Leuchtdrucktaster EMF
Illuminated pushbutton EMF
43
51
59
35
Ausführungen
Models
Schaltschema
Contact diagram
Abmessungen / Bohrplan
Dimensions / drilling diagram
Lochbild
Cut-out
Zubehör Versenkrahmen / Accessories flush mounting bezel
Quadratisch
Square
Rund
round
Rechteckig
rectangular
-
+
-
+
-
+
-
+
Einbaulänge L
Length L
Montageloch
mounting hole
Montageloch
mounting hole
Montageloch
mounting hole


Similar Part No. - 0041.2304

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0041.0401 SCHURTER-0041.0401 Datasheet
263Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
0041.0402 SCHURTER-0041.0402 Datasheet
114Kb / 3P
   DATA SWITCHES.MOMENTARY (SDK) ACTION
0041.0402 SCHURTER-0041.0402 Datasheet
263Kb / 3P
   Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
0041.0411 SCHURTER-0041.0411 Datasheet
114Kb / 3P
   DATA SWITCHES.MOMENTARY (SDK) ACTION
0041.8841.3107 SCHURTER-0041.8841.3107 Datasheet
404Kb / 4P
   Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
More results

Similar Description - 0041.2304

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
logo
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST06 SCHNEIDER-XB5AWCUST06 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST10 SCHNEIDER-XB5AWCUST10 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com