Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT353 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # SOT353
Description  SUGGESTED PAD LAYOUT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SOT353 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button SOT353 Datasheet HTML 7Page - Diodes Incorporated SOT353 Datasheet HTML 8Page - Diodes Incorporated SOT353 Datasheet HTML 9Page - Diodes Incorporated SOT353 Datasheet HTML 10Page - Diodes Incorporated SOT353 Datasheet HTML 11Page - Diodes Incorporated SOT353 Datasheet HTML 12Page - Diodes Incorporated SOT353 Datasheet HTML 13Page - Diodes Incorporated SOT353 Datasheet HTML 14Page - Diodes Incorporated SOT353 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 52
11 of 27
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
U-DFN4030-12
Dimensions
Value
(in mm)
C
0.500
X
0.300
X1
2.800
X2
3.350
Y
0.600
Y1
1.750
Y2
3.400
U-DFN4030-12 Type B
Dimensions
Value
(in mm)
C
0.500
X
0.350
X1
1.160
X2
0.900
X3
1.720
X4
0.850
X5
3.700
Y
0.700
Y1
0.870
Y2
0.500
Y3
0.550
Y4
0.350
Y5
1.710
Y6
0.940
Y7
3.300
Pin1
C
X (12x)
Y1
Y2
Y (12x)
X2
X1
Y7
X5
C
X (12X)
Y5 (2x)
X1(2x)
X3 (2x)
Y
Y3
X2
Y6
Y2
Y4
X4
1
Y1


Similar Part No. - SOT353

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT353 PHILIPS-SOT353 Datasheet
13Kb / 1P
   Plastic surface-mounted package; 5 leads
21 March 2006
logo
Diodes Incorporated
SOT353 DIODES-SOT353 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
SOT353 DIODES-SOT353 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Global Mixed-mode Techn...
SOT353 GMT-SOT353 Datasheet
121Kb / 1P
   Package Outline
More results

Similar Description - SOT353

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001_1 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
AP02001 DIODES-AP02001 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
All Sensors Corporation
EGBD ASC-EGBD Datasheet
42Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CFFS ASC-CFFS Datasheet
275Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
   For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNR ASC-PTNR Datasheet
238Kb / 1P
   For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com