Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-DFN5060-4 Datasheet(PDF) 34 Page - Diodes Incorporated

Part # W-DFN5060-4
Description  PACKAGE OUTLINE DIMENSIONS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

W-DFN5060-4 Datasheet(HTML) 34 Page - Diodes Incorporated

Back Button W-DFN5060-4 Datasheet HTML 30Page - Diodes Incorporated W-DFN5060-4 Datasheet HTML 31Page - Diodes Incorporated W-DFN5060-4 Datasheet HTML 32Page - Diodes Incorporated W-DFN5060-4 Datasheet HTML 33Page - Diodes Incorporated W-DFN5060-4 Datasheet HTML 34Page - Diodes Incorporated W-DFN5060-4 Datasheet HTML 35Page - Diodes Incorporated W-DFN5060-4 Datasheet HTML 36Page - Diodes Incorporated W-DFN5060-4 Datasheet HTML 37Page - Diodes Incorporated W-DFN5060-4 Datasheet HTML 38Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
AP02002 Rev. 60
34 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SOT89-5
SOT89-5
Dim
Min
Max
A
4.40
4.60
B
4.05
4.25
D1
1.50
1.70
e
1.50 Typ
E
2.40
2.60
F
0.80
-
G
3.00 Typ
I
0.40
0.52
J
1.40
1.60
K
0.35
0.43
L
5
° Typ
All Dimensions in mm
TO252 (DPAK)
TO252 (DPAK)
Dim
Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.64
0.88
0.783
b2
0.76
1.14
0.95
b3
5.21
5.55
5.33
c2
0.45
0.58
0.531
D
6.00
6.20
6.10
D1
5.21
-
-
e
-
2.286
E
6.45
6.70
6.58
E1
4.32
-
-
H
9.40
10.41
9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
L4
0.64
1.02
0.83
a
10°
All Dimensions in mm
TO252-4
TO252-4
Dim
Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.51
0.71
0.583
b2
0.61
0.79
0.70
b3
5.21
5.46
5.33
c2
0.45
0.58
0.531
D
6.00
6.20
6.10
D1
5.21
-
-
e
-
-
1.27
E
6.45
6.70
6.58
E1
4.32
-
-
H
9.40
10.41
9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
L4
0.64
1.02
0.83
a
10°
-
All Dimensions in mm
G
I
e
D1
A
F
E
B
J
K
L
b3
E
2X b2
D
L4
A
c2
e
A1
L
L3
3X b
a
H
A2
E1
b3
E
4X b2
D
L4
A
c2
e
A1
L
L3
5X b
a
H
A2
E1


Similar Part No. - W-DFN5060-4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
W-DFN5060-4 DIODES-W-DFN5060-4 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
W-DFN5060-4 DIODES-W-DFN5060-4 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
More results

Similar Description - W-DFN5060-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-210USD ETC2-HT-210USD Datasheet
732Kb / 2P
   Package Outline Dimensions
logo
Diodes Incorporated
AP02002 DIODES-AP02002_1 Datasheet
775Kb / 36P
   PACKAGE OUTLINE DIMENSIONS
logo
Galaxy Semi-Conductor H...
081029132636 BILIN-081029132636 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-523 BILIN-SOT-523 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029131240 BILIN-081029131240 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
101116113633 BILIN-101116113633 Datasheet
62Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029132758 BILIN-081029132758 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
081029133319 BILIN-081029133319 Datasheet
35Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
SOT-89 BILIN-SOT-89 Datasheet
37Kb / 1P
   PACKAGE OUTLINE DIMENSIONS
logo
Diodes Incorporated
AP02002 DIODES-AP02002 Datasheet
776Kb / 32P
   PACKAGE OUTLINE DIMENSIONS
AP02002 Rev. 44
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com