Electronic Components Datasheet Search |
|
U-DFN3030-12 Datasheet(PDF) 21 Page - Diodes Incorporated |
|
U-DFN3030-12 Datasheet(HTML) 21 Page - Diodes Incorporated |
21 / 51 page AP02002 Rev. 60 21 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated POWERDI ® 3030-8 POWERDI ® 3030-8 Dim Min Max Typ A 0.75 0.85 0.80 A1 0 0.05 0.02 A3 - - 0.203 b 0.25 0.35 0.30 D 2.95 3.05 3.00 E 2.95 3.05 3.00 e - - 0.65 L 0.55 0.65 0.60 Z - - 0.375 All Dimensions in mm POWERDI ® 3333-8 POWERDI ® 3333-8 Dim Min Max Typ D 3.25 3.35 3.30 E 3.2 3.35 3.30 D2 2.22 2.32 2.27 E2 1.56 1.66 1.61 A 0.75 0.85 0.80 A1 0 0.05 0.02 A3 - - 0.203 b 0.27 0.37 0.32 b2 - - 0.20 L 0.35 0.45 0.40 L1 - - 0.39 e - - 0.65 Z - - 0.515 All Dimensions in mm POWERDI ® 3333-8 Type B POWERDI ®3333-8 Type B Dim Min Max Typ A 0.75 0.85 0.80 A1 0 0.05 0.02 A3 − − 0.203 b 0.27 0.37 0.32 b2 − − 0.20 D 3.25 3.35 3.30 D1 2.55 2.66 2.61 D2 1.74 1.84 1.79 e − − 0.65 E 3.25 3.35 3.30 E1 1.14 1.24 1.19 E2 0.61 0.71 0.66 K1 − − 0.41 K2 − − 0.38 L 0.35 0.45 0.40 L1 − − 0.25 Z − − 0.515 All Dimensions in mm D E e b (8x) A A3 L (8x) A1 Z (4X) 1 Pin#1 C0.10 A A1 A3 D D2 E E2 b2 (4x) L (4x) L1 (3x) b (8x) e Z (4x) Pin 1 ID 14 85 A A1 A3 D D1 E E2 b2 (4x) L (5x) L1 (2x) b (8x) e Z (4x) E1 K1 K2 D2 |
Similar Part No. - U-DFN3030-12 |
|
Similar Description - U-DFN3030-12 |