Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE2508ACSE-8E-E Datasheet(PDF) 31 Page - Elpida Memory

Part # EDE2508ACSE-8E-E
Description  256M bits DDR2 SDRAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2508ACSE-8E-E Datasheet(HTML) 31 Page - Elpida Memory

Back Button EDE2508ACSE-8E-E Datasheet HTML 27Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 28Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 29Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 30Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 31Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 32Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 33Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 34Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 35Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
EDE2508ACSE, EDE2516ACSE
Preliminary Data Sheet E0948E30 (Ver. 3.0)
31
Command Operation
Command Truth Table
The DDR2 SDRAM recognizes the following commands specified by the /CS, /RAS, /CAS, /WE and address pins.
CKE
Function
Symbol
Previou
s cycle
Current
cycle
/CS
/RAS /CAS /WE
BA0
BA1
A12 to
A11
A10
A0 to
A9
Notes
Mode register set
MRS
H
H
L
L
L
L
L
L
MRS OPCODE
1
Extended mode
register set (1)
EMRS
H
H
L
L
L
L
H
L
EMRS (1) OPCODE
1
Extended mode
register set (2)
EMRS
H
H
L
L
L
L
L
H
EMRS (2) OPCODE
1
Auto-refresh
REF
H
H
L
L
L
H
×
×
×
×
×
1
Self-refresh entry
SELF
H
L
L
L
L
H
×
×
×
×
×
1
Self-refresh exit
SELFX
L
H
H
×
×
×
×
×
×
×
×
1, 6
L
H
L
H
H
H
×
×
×
×
×
Single bank precharge
PRE
H
H
L
L
H
L
BA
×
L
×
1, 2
Precharge all banks
PALL
H
H
L
L
H
L
×
×
×
H
×
1
Bank activate
ACT
H
H
L
L
H
H
BA
RA
1, 2
Write
WRIT
H
H
L
H
L
L
BA
CA
L
CA
1, 2, 3
Write with auto precharge
WRITA
H
H
L
H
L
L
BA
CA
H
CA
1, 2, 3
Read
READ
H
H
L
H
L
H
BA
CA
L
CA
1, 2, 3
Read with auto precharge
READA H
H
L
H
L
H
BA
CA
H
CA
1, 2, 3
No operation
NOP
H
×
L
H
H
H
×
×
×
×
×
1
Device deselect
DESL
H
×
H
×
×
×
×
×
×
×
×
1
Power-down mode entry
PDEN
H
L
H
×
×
×
×
×
×
×
×
1, 4
H
L
L
H
H
H
×
×
×
×
×
Power-down mode exit
PDEX
L
H
H
×
×
×
×
×
×
×
×
1, 4
L
H
L
H
H
H
×
×
×
×
×
Remark: H = VIH. L = VIL.
× = VIH or VIL. BA = Bank Address, RA = Row Address, CA = Column Address
Notes: 1. All DDR2 commands are defined by states of /CS, /RAS, /CAS, /WE and CKE at the rising edge of the
clock.
2. Bank select (BA0, BA1), determine which bank is to be operated upon.
3. Burst reads or writes should not be terminated other than specified as
″Reads interrupted by a Read″ in
burst read command [READ] or
″Writes interrupted by a Write″ in burst write command [WRIT].
4. The power-down mode does not perform any refresh operations. The duration of power-down is therefore
limited by the refresh requirements of the device. One clock delay is required for mode entry and exit.
5. The state of ODT does not affect the states described in this table. The ODT function is not available
during self-refresh.
6. Self-refresh exit is asynchronous.


Similar Part No. - EDE2508ACSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AASE ELPIDA-EDE2508AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-4A-E ELPIDA-EDE2508AASE-4A-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-4C-E ELPIDA-EDE2508AASE-4C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-5C-E ELPIDA-EDE2508AASE-5C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-6E-E ELPIDA-EDE2508AASE-6E-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
More results

Similar Description - EDE2508ACSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AEBG ELPIDA-EDE2508AEBG Datasheet
625Kb / 77P
   256M bits DDR2 SDRAM
EDE2504AASE ELPIDA-EDE2504AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ABSE ELPIDA-EDE2508ABSE Datasheet
708Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ABSE-GE ELPIDA-EDE2508ABSE-GE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-DF ELPIDA-EDE2508AASE-DF Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com