Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE2508ACSE-8E-E Datasheet(PDF) 71 Page - Elpida Memory

Part # EDE2508ACSE-8E-E
Description  256M bits DDR2 SDRAM
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2508ACSE-8E-E Datasheet(HTML) 71 Page - Elpida Memory

Back Button EDE2508ACSE-8E-E Datasheet HTML 67Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 68Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 69Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 70Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 71Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 72Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 73Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 74Page - Elpida Memory EDE2508ACSE-8E-E Datasheet HTML 75Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
EDE2508ACSE, EDE2516ACSE
Preliminary Data Sheet E0948E30 (Ver. 3.0)
71
Power-Down [PDEN]
Power-down is synchronously entered when CKE is registered low (along with NOP or deselect command). CKE is
not allowed to go low while mode register or extended mode register command time, or read or write operation is in
progress.
CKE is allowed to go low while any of other operations such as row activation, precharge or auto
precharge, or auto-refresh is in progress, but power-down IDD spec will not be applied until finishing those
operations. Timing diagrams are shown in the following pages with details for entry into power-down.
The DLL should be in a locked state when power-down is entered. Otherwise DLL should be reset after exiting
power-down mode for proper read operation.
If power-down occurs when all banks are idle, this mode is referred to as precharge power-down; if power-down
occurs when there is a row active in any bank, this mode is referred to as active power-down. Entering power-down
deactivates the input and output buffers, excluding CK, /CK, ODT and CKE. Also the DLL is disabled upon entering
precharge power-down or slow exit active power-down, but the DLL is kept enabled during fast exit active power-
down. In power-down mode, CKE low and a stable clock signal must be maintained at the inputs of the DDR2
SDRAM, and ODT should be in a valid state but all other input signals are “Don’t Care”.
CKE low must be
maintained until tCKE has been satisfied. Power-down duration is limited by 9 times tREFI of the device.
The power-down state is synchronously exited when CKE is registered high (along with a NOP or deselect
command). CKE high must be maintained until tCKE has been satisfied. A valid, executable command can be
applied with power-down exit latency, tXP, tXARD, or tXARDS, after CKE goes high. Power-down exit latency is
defined at AC Characteristics table of this data sheet.
CK
/CK
CKE
Command
VIH or VIL
tXP, tXARD,
tXARDS
Enter power-down mode
tCKE min
Exit power-down mode
tCKE min
tIH
tIS
tIH
tIS
tIH
tIS
tIH
tIH
tIS
VALID
VALID
VALID
NOP
NOP
VALID
Power-Down
Read to Power-Down Entry
CK
Command
CKE
DQ
DQS
Command
CKE
DQ
DQS
/CK
AL + CL
AL + CL
BL=4
BL=8
T0
Tx
Tx+2
Tx+3
Tx+4
Tx+5
Tx+6
T1
T2
Tx+1
Tx+7
Tx+8
Tx+9
/DQS
/DQS
READ
out
0
out
1
out
2
out
3
out
0
out
1
out
2
out
3
out
4
out
5
out
6
out
7
VIH
VIH
CKE should be kept high until the end of burst operation.
CKE should be kept high until the end of burst operation.
Read operation starts with a read command and
T0
Tx
Tx+2
Tx+3
Tx+4
Tx+5
Tx+6
T1
T2
Tx+1
Tx+7
Tx+8
Tx+9
READ


Similar Part No. - EDE2508ACSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AASE ELPIDA-EDE2508AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-4A-E ELPIDA-EDE2508AASE-4A-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-4C-E ELPIDA-EDE2508AASE-4C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-5C-E ELPIDA-EDE2508AASE-5C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-6E-E ELPIDA-EDE2508AASE-6E-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
More results

Similar Description - EDE2508ACSE-8E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AEBG ELPIDA-EDE2508AEBG Datasheet
625Kb / 77P
   256M bits DDR2 SDRAM
EDE2504AASE ELPIDA-EDE2504AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ABSE ELPIDA-EDE2508ABSE Datasheet
708Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ABSE-GE ELPIDA-EDE2508ABSE-GE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-DF ELPIDA-EDE2508AASE-DF Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com