Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCA965B Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. TCA965B
Description  Window Discriminator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 4 page
background image
TCA 965 B
Semiconductor Group
4
1998-02-10
Absolute Maximum Ratings
Maximum ratings for ambient temperature
T
A = – 25 to 85 °C
Parameter
Symbol
Limit Values
Unit
min.
max.
Supply voltage (pin 11)
Difference in input voltage between pins 6, 7, 8
Input voltage (pins 6, 7, 8, 9)
V
S
V
I
V
I
30
15
30
V
V
V
Output current (pins 2, 3, 13, 14)
I
Q
–50
mA
Output voltage (pins 2, 3, 13, 14)
independent of
V
S
Voltage on
V
REF (pin 5)
V
Q
V
R
30
8
V
V
Output current of stabilized voltage (pin 10)
I
10
–10
mA
Inhibit input voltage (pins 4, 12)
V
IH
–7V
Junction temperature
Storage temperature
T
j
T
stg
–55
150
125
°C
°C
Thermal resistance system - air
P-DIP-14-1
R
th SA
80
K/W
Operating Range
Supply voltage
V
S
4.5
30
V
Ambient temperature
T
A
–25
85
°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA13432Three-phase Motor Driver with Speed Discriminator 1 2 Hitachi Semiconductor
AD53042High Speed Window Comparator 1 2 3 4 Analog Devices
STV9936P120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays 1 2 3 4 5 MoreSTMicroelectronics
NTE1700Integrated Circuit 2 4 & 6 Hour Auto Discriminator for VCR 1 2 3 NTE Electronics
MM1327Wide Discriminator Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
EL5283CDual and Window 8ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor
U6046BREAR WINDOW HEATING TIMER / LONG-TERM TIMER 1 2 3 4 5 MoreATMEL Corporation
CXA1616NSync Discriminator for CRT Displays 1 2 3 4 5 MoreSony Corporation
PWD-21PULSE WIDTH DISCRIMINATOR 1 Data Delay Devices, Inc.
EL5285CDual and Window 4ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl