Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TCA965B Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. TCA965B
Description  Window Discriminator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

 
 1 page
background image
The window discriminator compares an input voltage to a defined voltage window. The
digital outputs show whether the input voltage is below, within or above this window.
The TCA 965 B window discriminator is especially suitable as a tracking or
compensating controller with a dead band in control engineering and for the selection of
DC voltages within a certain tolerance of the required setpoint value in measurement
engineering. When it is used as a Schmitt trigger, switching frequencies up to a typical
value of 50 kHz are possible.
Type
Ordering Code
Package
s TCA 965 B
Q67000-A8338
P-DIP-14-1
s Not for new design
Window Discriminator
Preliminary
Bipolar IC
P-DIP-14-1
Features
q
Two window settings
– direct setting of lower and upper edge
voltage (window edges)
– indirect setting by window center
voltage and half window width
q
Adjustable hysteresis
q
Digital outputs with open collectors
for currents up to 50 mA
q
Adjustable reference voltage
V
Stab
Semiconductor Group
1
1998-02-10
TCA 965 B




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA13432Three-phase Motor Driver with Speed Discriminator 1 2 Hitachi Semiconductor
AD53042High Speed Window Comparator 1 2 3 4 Analog Devices
STV9936P120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays 1 2 3 4 5 MoreSTMicroelectronics
NTE1700Integrated Circuit 2 4 & 6 Hour Auto Discriminator for VCR 1 2 3 NTE Electronics
MM1327Wide Discriminator Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.
EL5283CDual and Window 8ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor
U6046BREAR WINDOW HEATING TIMER / LONG-TERM TIMER 1 2 3 4 5 MoreATMEL Corporation
CXA1616NSync Discriminator for CRT Displays 1 2 3 4 5 MoreSony Corporation
PWD-21PULSE WIDTH DISCRIMINATOR 1 Data Delay Devices, Inc.
EL5285CDual and Window 4ns High-Speed Comparators 1 2 3 4 5 MoreElantec Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl