Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2268-14 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2268-14
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2268-14 Datasheet(HTML) 1 Page - Linear Technology

  LTC2268-14 Datasheet HTML 1Page - Linear Technology LTC2268-14 Datasheet HTML 2Page - Linear Technology LTC2268-14 Datasheet HTML 3Page - Linear Technology LTC2268-14 Datasheet HTML 4Page - Linear Technology LTC2268-14 Datasheet HTML 5Page - Linear Technology LTC2268-14 Datasheet HTML 6Page - Linear Technology LTC2268-14 Datasheet HTML 7Page - Linear Technology LTC2268-14 Datasheet HTML 8Page - Linear Technology LTC2268-14 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM9012
1
9012f
Typical applicaTion
FeaTures
DescripTion
Quad 14-Bit, 125Msps ADC
with Integrated Drivers
The LTM®9012 is a 4-channel, simultaneous sampling
14-bit µModule® analog-to-digital converter (ADC) with
integrated, fixed gain, differential ADC drivers. The low
noise amplifiers are suitable for single-ended drive and
pulse train signals such as imaging applications. Each
channel includes a lowpass filter between the driver out-
put and ADC input.
DC specs include ±1.2LSB INL (typ), ±0.3LSB DNL (typ)
and no missing codes over temperature. The transition
noise is a low 1.2LSBRMS.
The digital outputs are serial LVDS and each channel out-
puts two bits at a time (2-lane mode). At lower sampling
rates there is a one bit option (1-lane mode). The LVDS
drivers have optional internal termination and adjustable
output levels to ensure clean signal integrity.
The ENC+ and ENCinputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL or
CMOS inputs. An internal clock duty cycle stabilizer al-
lows high performance at full speed for a wide range of
clock duty cycles.
Single-Ended Sensor Digitization
applicaTions
n
4-Channel Simultaneous Sampling ADC with
Integrated, Fixed Gain, Differential Drivers
n
68.3dB SNR
n
78dB SFDR
n
Low Power: 1.27W Total, 318mW per Channel
n
1.8V ADC Core and 3.3V Analog Input Supply
n
Serial LVDS Outputs: 1 or 2 Bits per Channel
n
Shutdown and Nap Modes
n
11.25mm × 15mm BGA Package
n
Industrial Imaging
n
Medical Imaging
n
Multichannel Data Acquisition
n
Nondestructive Testing
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
LTM9012, 125Msps, 70MHz FFT
9012 TA01a
LTM9012
14
FPGA
PIPELINE
ADC
14
PIPELINE
ADC
14
PIPELINE
ADC
IMAGE
SENSOR
14
PIPELINE
ADC
INTERNAL
REFERENCE & SUPPLY
BYPASS CAPACITORS
PLL
SCK
ENC+
ENC
SDI SDO
PAR/SER
CS
ENCODE CLOCK
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
FR+
FR
DCO+
DCO
DATA
SERIALIZER
ENCODER
AND
LVDS
DRIVERS
1.8V
OVDD
1.8V
VDD
3.3V
VCC
VREF
FREQUENCY (MHz)
0
–90
–80
0
–10
25
15
5
45
9012 TA01b
–100
–110
–120
–30
–20
–40
–50
–60
–70
35
55
30
20
10
50
40
60


Similar Part No. - LTC2268-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2268-14 LINER-LTC2268-14 Datasheet
446Kb / 32P
   14-Bit, 125Msps/105Msps/80Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14 Datasheet
1Mb / 36P
   12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14 Datasheet
1,020Kb / 36P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14 Datasheet
899Kb / 28P
   16-Bit, 125/105/80Msps Low Power Dual ADCs Serial SPI Port for Configuration
More results

Similar Description - LTC2268-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9012 LINER-LTM9012_15 Datasheet
1Mb / 28P
   Quad 14-Bit, 125Msps ADC with Integrated Drivers
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com