Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA2465G Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TCA2465G
Description  Dual Power Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA2465G Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TCA2465G Datasheet HTML 2Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 3Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 4Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 5Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 6Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 7Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 8Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 9Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TCA 2465
Semiconductor Group
6
1998-02-01
1)
P
D = 12 W
P-SIP-9-1
P
D = 3.5 W P-DSO-20-6
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply voltage
V
S
± 3
± 20
V
Output current
I
Q
(– 1.3)
(1.3)
A
Case temperature
T
C
– 40
85
°C
1)
Voltage gain
G
Vmin
20
dB
Forward current
I
F of
free wheeling diodes
I
F
–(1.3)
A
Thermal resistance
junction - ambient
junction - case
R
th jA
R
th jC
60
5
K/W
K/W
P-SIP-9-1
P-SIP-9-1
Thermal resistance
junction - ambient
junction - case
R
th jA
R
th jC
60
12
K/W
K/W
P-DIP-16-2
P-DIP-16-2
Thermal resistance
junction - ambient
junction - case
R
th jA
R
th jC
(70)
(22)
K/W
K/W
(soldered) P-DSO-20-6
P-DSO-20-6


Similar Part No. - TCA2465G

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
logo
Siemens Semiconductor G...
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
   Proximity Switch
TCA2365 SIEMENS-TCA2365 Datasheet
266Kb / 10P
   DUAL POWER OPERATIOANAL AMPLIFIER
TCA2365A SIEMENS-TCA2365A Datasheet
266Kb / 10P
   DUAL POWER OPERATIOANAL AMPLIFIER
logo
NXP Semiconductors
TCA270S PHILIPS-TCA270S Datasheet
270Kb / 8P
   TELEVISION SIGNAL PROCESSING CIRCUIT
January 1980
More results

Similar Description - TCA2465G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
   Dual Power Operational Amplifier
logo
Toshiba Semiconductor
TA8406P TOSHIBA-TA8406P Datasheet
260Kb / 7P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8410P TOSHIBA-TA8410P Datasheet
281Kb / 8P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8464K TOSHIBA-TA8464K Datasheet
202Kb / 5P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
Motorola, Inc
TCA0372 MOTOROLA-TCA0372 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com