Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2175-14 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2175-14
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2175-14 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2175-14 Datasheet HTML 6Page - Linear Technology LTC2175-14 Datasheet HTML 7Page - Linear Technology LTC2175-14 Datasheet HTML 8Page - Linear Technology LTC2175-14 Datasheet HTML 9Page - Linear Technology LTC2175-14 Datasheet HTML 10Page - Linear Technology LTC2175-14 Datasheet HTML 11Page - Linear Technology LTC2175-14 Datasheet HTML 12Page - Linear Technology LTC2175-14 Datasheet HTML 13Page - Linear Technology LTC2175-14 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM9012
10
9012f
Typical perForMance characTerisTics
64K Point 2-Tone FFT, fIN = 4.8MHz
and fIN = 5.2MHz, –7dBFS per Tone,
SENSE = VDD
64K Point 2-Tone FFT, fIN = 70MHz
and fIN = 75MHz, –7dBFS per Tone,
SENSE = VDD
Differential Non-Linearity (DNL)
vs Output Code
Integral Non-Linearity (INL)
vs Output Code
Pulse Response
Frequency Response
IOVDD vs Sample Rate, 5MHz Sine
Wave Input –1dBFS
64K Point FFT, fIN = 5MHz,
–1dBFS, SENSE = VDD
64K Point FFT, fIN = 70MHz,
–1dBFS, SENSE = VDD
SAMPLE RATE (Msps)
0
30
40
60
50
25
75
125
9012 G01
20
10
0
50
100
1-LANE 1.75mA
1-LANE 3.5mA
2-LANE 1.75mA
2-LANE 3.5mA
OUTPUT CODE
0
–0.4
–0.3
0.5
0.4
4096
12288
16384
9012 G06
–0.5
0.2
0.3
0.1
0
–0.1
–0.2
8192
OUTPUT CODE
0
–1.5
2.0
1.5
4096
12288
16384
9012 G07
–2.0
0.5
1.0
0
–0.5
–1.0
8192
TIME (µs)
0
2000
16000
14000
0.1
0.9 1
9012 G08
0
10000
12000
8000
6000
4000
0.8
0.7
0.6
0.5
0.4
0.3
0.2
BASEBAND FREQUENCY (MHz)
1
–35
0
–5
10
1000
100
9012 G09
–40
–15
–10
–20
–25
–30
FREQUENCY (MHz)
0
–90
–80
0
–10
25
15
5
45
9012 G02
–100
–110
–120
–30
–20
–40
–50
–60
–70
35
55
30
20
10
50
40
60
FREQUENCY (MHz)
0
–90
–80
0
–10
25
15
5
45
9012 G03
–100
–110
–120
–30
–20
–40
–50
–60
–70
35
55
30
20
10
50
40
60
FREQUENCY (MHz)
0
–90
–80
0
–10
25
15
5
45
9012 G04
–100
–110
–120
–30
–20
–40
–50
–60
–70
35
55
30
20
10
50
40
60
FREQUENCY (MHz)
0
–90
–80
0
–10
25
15
5
45
9012 G05
–100
–110
–120
–30
–20
–40
–50
–60
–70
35
55
30
20
10
50
40
60


Similar Part No. - LTC2175-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2175-14 LINER-LTC2175-14 Datasheet
578Kb / 32P
   14-Bit, 125Msps/105Msps/80Msps Low Power Quad ADCs
LTC2175-14 LINER-LTC2175-14 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2175-14 LINER-LTC2175-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
LTC2175-14 LINER-LTC2175-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
More results

Similar Description - LTC2175-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9012 LINER-LTM9012_15 Datasheet
1Mb / 28P
   Quad 14-Bit, 125Msps ADC with Integrated Drivers
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com