Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2174-14 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2174-14
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2174-14 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2174-14 Datasheet HTML 7Page - Linear Technology LTC2174-14 Datasheet HTML 8Page - Linear Technology LTC2174-14 Datasheet HTML 9Page - Linear Technology LTC2174-14 Datasheet HTML 10Page - Linear Technology LTC2174-14 Datasheet HTML 11Page - Linear Technology LTC2174-14 Datasheet HTML 12Page - Linear Technology LTC2174-14 Datasheet HTML 13Page - Linear Technology LTC2174-14 Datasheet HTML 14Page - Linear Technology LTC2174-14 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM9012
11
9012f
pin FuncTions
VCC1 (H10, H13): Channel 1 Amplifier Supply. VCC is
internally bypassed to ground with 0.1µF in parallel with
0.01µF ceramic capacitors, additional bypass capacitance
is optional. The recommended operating voltage is 3.3V.
VCC2 (C8, C12): Channel 2 Amplifier Supply. VCC is in-
ternally bypassed to ground with 0.1µF in parallel with
0.01µF ceramic capacitors, additional bypass capacitance
is optional. The recommended operating voltage is 3.3V.
VCC3 (C2, C6): Channel 3 Amplifier Supply. VCC is in-
ternally bypassed to ground with 0.1µF in parallel with
0.01µF ceramic capacitors, additional bypass capacitance
is optional. The recommended operating voltage is 3.3V.
VCC4 (H1, H4): Channel 4 Amplifier Supply. VCC is in-
ternally bypassed to ground with 0.1µF in parallel with
0.01µF ceramic capacitors, additional bypass capacitance
is optional. The recommended operating voltage is 3.3V.
VDD (N4, N5, N9, N10): ADC Analog Supply. VDD is inter-
nally bypassed to ground with 0.1µF ceramic capacitors,
additional bypass capacitance is optional. The recom-
mended operating voltage is 1.8V.
OVDD (R7, R8, S8): ADC Digital Output Supply. OVDD
is internally bypassed to ground with 0.1µF ceramic ca-
pacitors, additional bypass capacitance is optional. The
recommended operating voltage is 1.8V.
GND: Ground. Use multiple vias close to pins.
CH1+ (A11): Channel 1 Noninverting Analog Input.
CH1(A12): Channel 1 Inverting Analog Input.
CH2+ (A8): Channel 2 Noninverting Analog Input.
CH2(A9): Channel 2 Inverting Analog Input.
CH3+ (A5): Channel 3 Noninverting Analog Input.
CH3(A6): Channel 3 Inverting Analog Input.
CH4+ (A2): Channel 4 Noninverting Analog Input.
CH4(A3): Channel 4 Inverting Analog Input.
SHDN1 (G11): Channel 1 Amplifier Shutdown. Connect-
ing SHDN1 to VCC or floating results in normal (active)
operating mode. Connecting SHDN1 to GND results in a
low power shutdown state on amplifier 1.
SHDN2 (D9): Channel 2 Amplifier Shutdown. Connect-
ing SHDN2 to VCC or floating results in normal (active)
operating mode. Connecting SHDN2 to GND results in a
low power shutdown state on amplifier 2.
SHDN3 (D3): Channel 3 Amplifier Shutdown. Connect-
ing SHDN3 to VCC or floating results in normal (active)
operating mode. Connecting SHDN3 to GND results in a
low power shutdown state on amplifier 3.
SHDN4 (G1): Channel 4 Amplifier Shutdown. Connect-
ing SHDN4 to VCC or floating results in normal (active)
operating mode. Connecting SHDN4 to GND results in a
low power shutdown state on amplifier 4.
ENC+ (N1): Encode Input. Conversion starts on the rising
edge.
ENC(P1): Encode Complement Input. Conversion starts
on the falling edge.
CS (P4): In serial programming mode, (PAR/SER = 0V),
CS is the serial interface chip select input. When CS is
low, SCK is enabled for shifting data on SDI into the mode
controlregisters.Intheparallelprogrammingmode(PAR/
SER = VDD), CS selects 2-lane or 1-lane output mode. CS
can be driven with 1.8V to 3.3V logic.
SCK (P5): In serial programming mode, (PAR/SER =
0V), SCK is the serial interface clock input. In the parallel
programming mode (PAR/SER = VDD),SCKselects3.5mA
or 1.75mA LVDS output currents. SCK can be driven with
1.8V to 3.3V logic.
SDI (P3): In serial programming mode, (PAR/SER = 0V),
SDIistheserialinterfacedataInput.DataonSDIisclocked
into the mode control registers on the rising edge of SCK.
In the parallel programming mode (PAR/SER = VDD), SDI
can be used to power down the part. SDI can be driven
with 1.8V to 3.3V logic.
SDO (P9): In serial programming mode, (PAR/SER = 0V),
SDO is the optional serial interface data output. Data on
SDO is read back from the mode control registers and can
be latched on the falling edge of SCK. SDO is an open-
drain NMOS output that requires an external 2k pull-up
resistor to 1.8V – 3.3V. If read back from the mode control
registers is not needed, the pull-up resistor is not neces-
sary and SDO can be left unconnected. In the parallel
programming mode (PAR/SER = VDD), SDO is an input
that enables internal 100Ω termination resistors. When
used as an input, SDO can be driven with 1.8V to 3.3V
logic through a 1k series resistor.


Similar Part No. - LTC2174-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2174-14 LINER-LTC2174-14 Datasheet
578Kb / 32P
   14-Bit, 125Msps/105Msps/80Msps Low Power Quad ADCs
LTC2174-14 LINER-LTC2174-14 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2174-14 LINER-LTC2174-14 Datasheet
743Kb / 36P
   14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
LTC2174-14 LINER-LTC2174-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
More results

Similar Description - LTC2174-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9012 LINER-LTM9012_15 Datasheet
1Mb / 28P
   Quad 14-Bit, 125Msps ADC with Integrated Drivers
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214P12IRZ INTERSIL-ISLA214P12IRZ Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
June 27, 2012
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Intersil Corporation
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com