Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1535 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1535
Description  Complete Isolated RS485/RS422 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1535 Datasheet HTML 2Page - Linear Technology LTC1535 Datasheet HTML 3Page - Linear Technology LTC1535 Datasheet HTML 4Page - Linear Technology LTC1535 Datasheet HTML 5Page - Linear Technology LTC1535 Datasheet HTML 6Page - Linear Technology LTC1535 Datasheet HTML 7Page - Linear Technology LTC1535 Datasheet HTML 8Page - Linear Technology LTC1535 Datasheet HTML 9Page - Linear Technology LTC1535 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM2881
6
2881fe
Receiver Skew vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output Voltage vs
Output Current (Source and Sink)
Receiver Propagation Delay
vs Temperature
Supply Current vs Data Rate
RTERM vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
OUTPUT CURRENT (mA)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2881 G05
70
60
50
40
30
20
10
0
OUTPUT HIGH
OUTPUT LOW
TA = 25°C, LTM2881-3 VCC = 3.3V, LTM2881-5
VCC = 5.0V, VL = 3.3V unless otherwise noted.
OUTPUT CURRENT (mA)
4
1
0
2
3
2881 G07
5
4
3
2
1
0
SINK
SOURCE
DATA RATE (Mbps)
200
180
140
160
100
120
80
60
40
20
0
2881 G09
10
1
0.1
R = 54Ω (LTM2881-3)
R = 100Ω (LTM2881-3)
R = 54Ω (LTM2881-5)
R = 100Ω (LTM2881-5)
R = ∞ (LTM2881-3)
R = ∞ (LTM2881-5)
TEMPERATURE (°C)
2.0
0
0.5
1.5
1.0
–0.5
–1.0
2881 G01
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
2.0
0
0.5
1.5
1.0
–0.5
–1.0
2881 G02
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
80
50
70
65
60
55
75
2881 G03
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
130
110
112
114
116
118
120
122
124
126
128
2881 G04
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
6
1
0
2
4
3
5
2881 G06
125
100
75
50
25
0
–25
–50
R = ∞
R = 100Ω
R = 54Ω
TEMPERATURE (°C)
120
115
110
105
100
95
90
2881 G08
125
100
75
50
25
0
–25
–50


Similar Part No. - LTC1535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535 Datasheet
247Kb / 16P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535 Datasheet
263Kb / 18P
   Isolated RS485 Transceiver
LTC1535 LINER-LTC1535 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC1535 LINER-LTC1535 Datasheet
267Kb / 18P
   Isolated RS485 Transceiver
More results

Similar Description - LTC1535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
   Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com