Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM2882 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM2882
Description  Complete Isolated RS485/RS422 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2882 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM2882 Datasheet HTML 6Page - Linear Technology LTM2882 Datasheet HTML 7Page - Linear Technology LTM2882 Datasheet HTML 8Page - Linear Technology LTM2882 Datasheet HTML 9Page - Linear Technology LTM2882 Datasheet HTML 10Page - Linear Technology LTM2882 Datasheet HTML 11Page - Linear Technology LTM2882 Datasheet HTML 12Page - Linear Technology LTM2882 Datasheet HTML 13Page - Linear Technology LTM2882 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM2881
10
2881fe
A
B
VCM
±VAB/2
±VAB/2
RO
CL
2881 F06a
RECEIVER
tPLHR
tPHLR
90%
0
90%
10%
tR
90%
10%
tF
90%
1/2 VL
1/2 VL
tRR
tFR
10%
2881 F06b
10%
VAB
VL
0
–VAB
RO
A-B
Figure 6. Receiver Propagation Delay Measurements
DRIVER
DI
VL
OR
GND
GND
OR
VCC2
VCC2
OR
GND
RL
RL
CL
2881 F05a
Y
Z
DE
CL
tZLD
tZHD
tHZD
tLZD
1/2 VL
1/2 VCC2
1/2 VCC2
DE
Y OR Z
Z OR Y
VL
VCC2
0V
0V
0.5V
0.5V
2881 F05b
Figure 5. Driver Enable and Disable Timing Measurements
TEST CIRCUITS
DRIVER
DI
RDIFF
CL
CL
2881 F04a
Y
Z
1/2 VOD
90%
90%
00
10%
2881 F04b
10%
VOD
VL
Y, Z
DI
(Y-Z)
0V
tSKEWD
tPLHD
tRD
tFD
tPHLD
Figure 4. Driver Timing Measurement


Similar Part No. - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2882 LINER-LTM2882 Datasheet
280Kb / 16P
   Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
291Kb / 18P
   Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2882 LINER-LTM2882 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTM2882 AD-LTM2882 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
More results

Similar Description - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_10 Datasheet
462Kb / 22P
   Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881_15 Datasheet
717Kb / 24P
   Complete Isolated RS485/RS422 Module Transceiver Power
LTC3612 LINER-LTC3612 Datasheet
271Kb / 8P
   Isolated RS485/RS422 關Module Transceiver Power
LTM2885 LINER-LTM2885 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 關Module Transceiver Power
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
   Isolated RS485/RS422 Interface
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
   Isolated 3Volt RS422/RS485 Interface
logo
Analog Devices
LTM2885 AD-LTM2885_V01 Datasheet
1Mb / 22P
   6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com