Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1642 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1642
Description  Negative Voltage Hot Swap Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1642 Datasheet HTML 5Page - Linear Technology LTC1642 Datasheet HTML 6Page - Linear Technology LTC1642 Datasheet HTML 7Page - Linear Technology LTC1642 Datasheet HTML 8Page - Linear Technology LTC1642 Datasheet HTML 9Page - Linear Technology LTC1642 Datasheet HTML 10Page - Linear Technology LTC1642 Datasheet HTML 11Page - Linear Technology LTC1642 Datasheet HTML 12Page - Linear Technology LTC1642 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
9
425212fd
PIN FUNCTIONS
VIN (Pin 1/Pin 1): Positive Supply Input. Connect this
pin to the positive side of the supply through a dropping
resistor. A shunt regulator clamps VIN at 13V. An internal
undervoltage lockout (UVLO) circuit holds GATE low until
the VIN pin is greater than VLKO, overriding UV and OV. If
UV is high, OV is low and VIN comes out of UVLO, TIMER
starts an initial timing cycle before initiating a GATE ramp-
up. If VIN drops below approximately 8.2V, GATE pulls low
immediately.
PWRGD (Pin 2/Not Available): Power Good Status Output
(MS only). At start-up, PWRGD latches low if DRAIN is
below 2.385V and GATE is within 2.8V of VIN. PWRGD
status is reset by UV, VIN (UVLO) or a circuit breaker fault
timeout. This pin is internally pulled high by a 58μA cur-
rent source.
SS (Pin 3/Pin 2): Soft-Start Pin. This pin is used to ramp
inrush current during start up, thereby effecting control
over di/dt. A 20x attenuated version of the SS pin voltage
is presented to the current limit amplifier. This attenuated
voltage limits the MOSFET’s drain current through the sense
resistor during the soft-start current limiting. At the begin-
ning of a start-up cycle, the SS capacitor (CSS) is ramped
by a 22μA (28μA for the LTC4252A) current source. The
GATE pin is held low until SS exceeds 20 • VOS = 0.2V.
SS is internally shunted by a 100k resistor (RSS) which
limits the SS pin voltage to 2.2V (50k resistor and 1.4V
for the LTC4252A). This corresponds to an analog current
limit SENSE voltage of 100mV (60mV for the LTC4252A). If
the SS capacitor is omitted, the SS pin ramps up in about
180μs. The SS pin is pulled low under any of the following
conditions: in UVLO, in an undervoltage condition, in an
overvoltage condition, during the initial timing cycle or
when the circuit breaker fault times out.
SENSE (Pin 4/Pin 3): Circuit Breaker/Current Limit Sense
Pin. Load current is monitored by a sense resistor RS con-
nected between SENSE and VEE, and controlled in three
steps. If SENSE exceeds VCB (50mV), the circuit breaker
comparator activates a (230μA + 8 • IDRN) TIMER pull-up
current. If SENSE exceeds VACL, the analog current limit
amplifier pulls GATE down to regulate the MOSFET current
at VACL/RS. In the event of a catastrophic short-circuit,
SENSE may overshoot. If SENSE reaches VFCL (200mV),
the fast current limit comparator pulls GATE low with a
strong pull-down. To disable the circuit breaker and cur-
rent limit functions, connect SENSE to VEE.
(MS/MS8)
TYPICAL PERFORMANCE CHARACTERISTICS
IPGH vs Temperature
tSS vs Temperature
tPLLUG and tPHLOG
vs Temperature
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G38
62
61
60
59
58
57
56
55
VPWRGD = 0V
(MS ONLY)
TEMPERATURE (°C)
–55 –35 –15
5
25
45
65
85 105 125
425212 G27
220
210
200
190
180
170
160
150
SS PIN FLOATING,
VSS RAMPS FROM 0.2V TO 2V
TEMPERATURE (°C)
–55
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–15
25
45
125
425212 G24
–35
5
65
85 105
tPLLUG
tPHLOG


Similar Part No. - LTC1642

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
249Kb / 16P
   Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
logo
Analog Devices
LTC1642 AD-LTC1642 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
More results

Similar Description - LTC1642

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-2 LINER-LTC4252C-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com