Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4090 Datasheet(PDF) 41 Page - Linear Technology

Part # LTC4090
Description  Dual-Input Power Manager
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090 Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC4090 Datasheet HTML 37Page - Linear Technology LTC4090 Datasheet HTML 38Page - Linear Technology LTC4090 Datasheet HTML 39Page - Linear Technology LTC4090 Datasheet HTML 40Page - Linear Technology LTC4090 Datasheet HTML 41Page - Linear Technology LTC4090 Datasheet HTML 42Page - Linear Technology LTC4090 Datasheet HTML 43Page - Linear Technology LTC4090 Datasheet HTML 44Page - Linear Technology LTC4090 Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
LTC4155
41
4155fc
APPLICATIONS INFORMATION
RTEMP_RANGE
Optional dilution resistor, connected in series with
the thermistor.
αT
rT
r25
Thermistor resistance ratio at any temperature T relative
to its reference temperature.
αTOO_COLD
rTOO_COLD
r25
Thermistor resistance ratio at desired NTC_TOO_COLD
threshold temperature relative to its reference
temperature.
αTOO_ WARM
rTOO_ WARM
r25
Thermistor resistance ratio at desired NTC_TOO_WARM
threshold temperature relative to its reference
temperature.
αHOT_FAULT
rHOT _FAULT
r25
Thermistor resistance ratio at desired NTC_HOT_FAULT
threshold temperature relative to its reference tem-
perature.
αBIAS
RBIAS
r25
Ratio of low drift bias resistor to r25.
αTEMP_RANGE
RTEMP _RANGE
r25
Ratio of optional low drift dilution resistor to r25.
Note that r25, rT, rTOO_COLD, rTOO_WARM, and rHOT_FAULT
and are all resistance values of the thermistor at different
temperatures, while RBIAS and RTEMP_RANGE are actual
low drift resistors.
In all of the following calculations, it will be necessary to
determine the thermistor’s αT at various temperatures.
This parameter is dependent only upon the material prop-
erties of the thermistor. αT for a given thermistor and
temperature may be found in one of two ways. Thermistor
manufacturers often provide a lookup table relating αT to
temperature in their data sheets. For any temperature T,
αT may be referenced directly.
The second way to obtain αT for any T requires the use
of a modeling equation and a material constant specific
to the thermistor:
αT = e
β
1
T
⎟−
1
T0
⎜⎜
⎟⎟
where:
e = Natural logarithm base, approximately 2.71828
T = Temperature of interest, expressed in Kelvin
T0 = Thermistor model nominal temperature, expressed
in Kelvin. Typically 298.15K (25°C + 273.15°C)
β = Model material constant, expressed in Kelvin. This
model is a curve fit at T0 and a second temperature. β is
close to 4000K for most thermistors. Higher β results in
increased temperature sensitivity at the expense of reduced
linearity over a wide temperature range
Simple Alternate Thermistor Bias Network
By simply adjusting the bias resistor, RBIAS, and omitting
the optional RTEMP_RANGE, one of the three temperature
thresholds may be adjusted. The other two temperature
comparator thresholds will be determined by the choice
of the first temperature threshold and the NTCVAL
thresholds fixed in the LTC4155. Increasing RBIAS above
r25 shifts all three temperature thresholds colder while
simultaneously slightly compressing the temperature span
between thresholds. Likewise, decreasing RBIAS below
r25 shifts all three temperature thresholds warmer while
simultaneously slightly expanding the temperature span
between thresholds. To program a single temperature
threshold, obtain the value of either αTOO_COLD,
αTOO_WARM or αHOT_FAULT for the chosen temperature
threshold using one of the aforementioned methods and


Similar Part No. - LTC4090

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4090 LINER-LTC4090 Datasheet
400Kb / 28P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
logo
Analog Devices
LTC4090 AD-LTC4090 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4090-3 LINER-LTC4090-3 Datasheet
527Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-3 LINER-LTC4090-3_15 Datasheet
840Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-5 LINER-LTC4090-5 Datasheet
400Kb / 28P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
More results

Similar Description - LTC4090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
TPS2306 TI1-TPS2306_10 Datasheet
432Kb / 29P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
logo
NXP Semiconductors
P82CF201 PHILIPS-P82CF201 Datasheet
83Kb / 11P
   Low power, low price dual fan manager
2002 Nov 18
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_17 Datasheet
558Kb / 23P
   5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
logo
Linear Technology
LTC4156EUFD LINER-LTC4156EUFD Datasheet
508Kb / 8P
   Dual Input Power Manager/3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
LTC4156 LINER-LTC4156_15 Datasheet
491Kb / 52P
   Dual-Input Power Manager/ 3.5A LiFePO4 Battery Charger with I2C Control and USB OTG
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com