Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3856 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3856
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3856 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3856 Datasheet HTML 5Page - Linear Technology LTC3856 Datasheet HTML 6Page - Linear Technology LTC3856 Datasheet HTML 7Page - Linear Technology LTC3856 Datasheet HTML 8Page - Linear Technology LTC3856 Datasheet HTML 9Page - Linear Technology LTC3856 Datasheet HTML 10Page - Linear Technology LTC3856 Datasheet HTML 11Page - Linear Technology LTC3856 Datasheet HTML 12Page - Linear Technology LTC3856 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
LTC3839
9
3839fa
PIN FUNCTIONS
PHASMD (Pin 1): Phase Selector Input. This pin
determines the relative phases of channels and the
CLKOUT signal. With zero phase being defined as the
rising edge of TG1: Pulling this pin to SGND locks TG2 to
180°, and CLKOUT to 60°. Connecting this pin to INTVCC
locks TG2 to 240° and CLKOUT to 120°. Floating this pin
locks TG2 to 180° and CLKOUT to 90°.
MODE/PLLIN (Pin 2): Operation Mode Selection or External
Clock Synchronization Input. When this pin is tied to IN-
TVCC, forced continuous mode operation is selected. Tying
this pin to SGND allows discontinuous mode operation.
When an external clock is applied at this pin, both chan-
nels operate in forced continuous mode and synchronize
to the external clock.
CLKOUT (Pin 3): Clock Output of Internal Clock Genera-
tor. Its output level swings between INTVCC and SGND. If
clock input is present at the MODE/PLLIN pin, it will be
synchronized to the input clock, with phase set by the
PHASMD pin. If no clock is present at MODE/PLLIN, its
frequency will be set by the RT pin. To synchronize other
controllers, it can be connected to their MODE/PLLIN pins.
SGND (Pins 4, 29): Signal Ground. All small-signal analog
and compensation components should be connected to
this ground. Connect both SGND pins to the exposed pad
and PGND pin using a single PCB trace.
RT (Pin 5): Clock Generator Frequency Programming Pin.
Connect an external resistor from RT to SGND to program
the switching frequency between 200kHz and 2MHz. An
external clock applied to MODE/PLLIN should be within
±30% of this programmed frequency to ensure frequency
lock. When the RT pin is floating, the frequency is internally
set to be slightly under 200kHz.
ITH (Pins 6): Current Control Threshold. This pin is the
output of the error amplifier and the switching regulator’s
compensation point. The current comparator threshold
increases with this control voltage. The voltage ranges
from 0V to 2.4V, with 0.8V corresponding to zero sense
voltage (zero inductor valley current).
TRACK/SS (Pin 7): External Tracking and Soft-Start Input.
The LTC3839 regulates the feedback voltage (VOUTSENSE+
– VOUTSENSE–) to the smaller of 0.6V or the voltage on the
TRACK/SS pin. An internal 1μA temperature-independent
pull-up current source is connected to TRACK/SS pin. A
capacitor to ground at this pin sets the ramp time to the
final regulated output voltage. Alternatively, another voltage
supply connected to this pin allows the output to track the
other supply during start-up.
VOUTSENSE+ (Pin 8): Differential Output Sense Amplifier
(+) Input. Connect this pin to a feedback resistor divider
between the positive and negative output capacitor ter-
minals of VOUT. In nominal operation the LTC3839 will
attempt to regulate the differential output voltage VOUT to
0.6V divided by the feedback resistor divider ratio.
VOUTSENSE– (Pin 9): Differential Output Sense Amplifier
(–) Input. Connect this pin to the negative terminal of the
output load capacitor of VOUT.
SENSE1+, SENSE2+ (Pin 10, Pin 31): Differential Current
Sense Comparator (+) Inputs. The ITH pin voltage and
controlled offsets between the SENSE+ and SENSEpins
set the current trip threshold. The comparator can be used
for RSENSE sensing or inductor DCR sensing. For RSENSE
sensing, Kelvin (4-wire) connect the SENSE+ pin to the
(+) terminal of RSENSE. For DCR sensing, tie the SENSE+
pins to the connection between the DCR sense capacitor
and sense resistor tied across the inductor.
SENSE1, SENSE2(Pin 11, Pin 30): Differential Current
Sense Comparator (–) Input. The comparator can be used
for RSENSE sensing or inductor DCR sensing. For RSENSE
sensing, Kelvin (4-wire) connect the SENSEpin to the (–)
terminal of RSENSE. For DCR sensing, tie the SENSEpin
to the DCR sense capacitor tied to the inductor VOUT node
connection. These pins also function as output voltage
sense pins for the top MOSFET on-time adjustment. The
impedance looking into these pins is different from the
SENSE+ pins because there is an additional 500k internal
resistor from each of the SENSEpins to SGND.
DTR (Pin 12): Detect Load-Release Transient for Overshoot
Reduction. When load current suddenly drops, if voltage on
this DTR pin drops below half of INTVCC, the bottom gate
(BG) could turn off, allowing the inductor current to drop
to zero faster, thus reducing the VOUT overshoot. (Refer
to Load-Release Transient Detection in the Applications
Information section for more details.) An internal 5μA
current source pulls this pin toward INTVCC. To disable
the DTR feature, simply tie the DTR pin to INTVCC.


Similar Part No. - LTC3856

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3856 LINER-LTC3856 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3856 LINER-LTC3856 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3856 LINER-LTC3856 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
More results

Similar Description - LTC3856

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3839 LINER-LTC3839_15 Datasheet
701Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller with Differential Output Sensing
LTC3838 LINER-LTC3838 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
   Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-1 LINER-LTC3838-1 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
LTC3838-2 LINER-LTC3838-2 Datasheet
5Mb / 56P
   Dual, Fast, Accurate Step-Down DC/DC Controller with External Reference Voltage
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829 LINER-LTC3829_15 Datasheet
441Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com