Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3586 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3586
Description  7-Channel Confi gurable High Power PMIC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3586 Datasheet HTML 3Page - Linear Technology LTC3586 Datasheet HTML 4Page - Linear Technology LTC3586 Datasheet HTML 5Page - Linear Technology LTC3586 Datasheet HTML 6Page - Linear Technology LTC3586 Datasheet HTML 7Page - Linear Technology LTC3586 Datasheet HTML 8Page - Linear Technology LTC3586 Datasheet HTML 9Page - Linear Technology LTC3586 Datasheet HTML 10Page - Linear Technology LTC3586 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTC3675
7
3675fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tBUF
Bus Free Time Between Stop and Start
Condition
1.3
μs
tHD_SDA
Hold Time After Repeated Start Condition
0.6
μs
tSU_STA
Repeated Start Condition Set-Up Time
0.6
μs
tSU_STO
Stop Condition Set-Up Time
0.6
μs
tHD_DAT(O)
Data Hold Time Output
0
900
ns
tHD_DAT(I)
Data Hold Time Input
0
ns
tSU_DAT
Data Set-Up Time
100
ns
tLOW
SCL Clock Low Period
1.3
μs
tHIGH
SCL Clock High Period
0.6
μs
tf
Clock/Data Fall Time
CB = Capacitance of One Bus Line (pF)
20+0.1CB
300
ns
tr
Clock/Data Rise Time
CB = Capacitance of One Bus Line (pF)
20+0.1CB
300
ns
tSP
Input Spike Suppression Pulse Width
50
ns
Interface Logic Pins (PBSTAT, WAKE, RSTB, IRQB, ONB)
ILK(HIGH)
Output High Leakage Current
3.6V at Pin
–1
1
μA
VOL
Output Low Voltage
3mA into Pin
100
400
mV
VONB(HIGH)
ONB High Threshold
800
1200
mV
VONB(LOW)
ONB Low Threshold
400
700
mV
Interface Logic Pins (EN1, EN2, EN3, EN4, ENBB)
VHI_ALLOFF
Enable Rising Threshold
All Regulators and LED Driver Disabled
l
400
650
1200
mV
VEN_HYS
Enable Falling Hysteresis
60
mV
VHI
Enable Rising Threshold
At Least One Regulator/LED Driver Enabled
l
380
400
420
mV
IEN
Enable Pin Leakage Current
EN = 3.6V
–1
1
μA
Pushbutton Parameters; CT = 0.01μF
tONB_LO
ONB Low Time to PBSTAT Low
WAKE High
28
50
72
ms
tONB_WAKE
ONB Low Time to WAKE High
280
400
520
ms
tONB_HR
ONB Low to Hard Reset
3.5
5
6.5
sec
tHR
Time for Which All Enabled Regulators are
Disabled
0.7
1
1.3
sec
tPBSTAT_PW
PBSTAT Minimum Pulse Width
28
50
72
ms
tWAKE_ON
WAKE High Time
3.5
5
6.5
sec
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3675 is tested under pulsed load conditions such that
TA ≈ TJ. The LTC3675 is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: The LTC3675 includes overtemperature protection which protects
the device during momentary overload conditions. Junction temperature
will exceed 125°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 4: Static current, switches not switching. Actual current may be
higher due to gate charge losses at the switching frequency.
Note 5: Currents measured at a specific VIN pin. Buck 1 (VIN, Pin 6);
Buck 2 (VIN, Pin 7); Buck 3 and Buck 4 (VIN, Pin 10); Boost and Buck
Boost (VIN, Pin 34); LED driver (VIN, Pin 31).
Note 6: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the maximum specified pin current rating may result in device
degradation over time.
Note 7: With dual string operation, the LED pin with the lower voltage sets
the regulation point.


Similar Part No. - LTC3586

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586 LINER-LTC3586 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3586 LINER-LTC3586 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3586 LINER-LTC3586 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
logo
Analog Devices
LTC3586 AD-LTC3586 Datasheet
1Mb / 30P
   Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
08/21 Rev. A
More results

Similar Description - LTC3586

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675 LINER-LTC3675 Datasheet
419Kb / 36P
   7-Channel Confi gurable High Power PMIC
LTC3208 LINER-LTC3208 Datasheet
340Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3675 LINER-LTC3675_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3208 LINER-LTC3208_15 Datasheet
346Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
logo
Supertex, Inc
HV7802 SUTEX-HV7802 Datasheet
511Kb / 5P
   High Side Current Monitor 8V to 450V, Confi gurable Output
logo
Linear Technology
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com