Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1785 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1785
Description  20Mbps RS485 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1785 Datasheet(HTML) 1 Page - Linear Technology

  LT1785 Datasheet HTML 1Page - Linear Technology LT1785 Datasheet HTML 2Page - Linear Technology LT1785 Datasheet HTML 3Page - Linear Technology LT1785 Datasheet HTML 4Page - Linear Technology LT1785 Datasheet HTML 5Page - Linear Technology LT1785 Datasheet HTML 6Page - Linear Technology LT1785 Datasheet HTML 7Page - Linear Technology LT1785 Datasheet HTML 8Page - Linear Technology LT1785 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2859/LTC2861
1
285961fc
20Mbps RS485 Transceivers
with Integrated Switchable
Termination
The LTC®2859 and LTC2861 are low power, 20Mbps
RS485/422 transceivers operating on 5V supplies. The
receiver includes a logic-selectable 120Ω termination,
one-eighth unit load supporting up to 256 nodes per bus
(C-, I-grades), and a failsafe feature that guarantees a high
outputstateunderconditionsoffloatingorshortedinputs.
The driver features a logic-selectable low-EMI 250kbps
operating mode, and maintains a high output impedance
over the entire common mode range when disabled or
when the supply is removed. Excessive power dissipation
caused by bus contention or a fault is prevented by current
limiting all outputs and by a thermal shutdown.
EnhancedESDprotectionallowstheLTC2859andLTC2861
towithstand±15kV(humanbodymodel)onthetransceiver
interface pins without latchup or damage.
n
Low Power RS485/RS422 Transceiver
n
Level Translator
n
Backplane Transceiver
n
Integrated, Logic-Selectable 120Ω Termination
Resistor
n
20Mbps Max Data Rate
n
No Damage or Latchup to ESD: ±15kV HBM
n
High Input Impedance Supports 256 Nodes
(C-, I-Grades)
n
Operation Up to 105°C (LTC2859H)
n
250kbps Low-EMI Mode
n
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
n
Current Limited Drivers and Thermal Shutdown
n
Delayed Micropower Shutdown (5µA Max)
n
Power Up/Down Glitch-Free Driver Outputs
n
Low Operating Current (900µA Max in Receive Mode)
n
Meets All TIA/EIA-485-A Specifications
n
Available in 10-Pin 3mm
× 3mm DFN, 12-Pin
4mm
× 3mm DFN and 16-Pin SSOP Packages
LTC2859 at 20Mbps
PART NUMBER
DUPLEX
PACKAGE
LTC2859
Half
DFN-10
LTC2861
Full
SSOP-16, DFN-12
Typical applicaTion
FeaTures
applicaTions
DescripTion
proDucT selecTion GuiDe
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
285961 TA02
20ns/DIV
2V/DIV
DI
Y–Z
Y
Z
RE
TE
RO
DE
DI
SLO
R
D
2859/61 TA01
LTC2859
120Ω
RE
RO
TE
DE
DI
SLO
R
D
LTC2859
120Ω
RE
RO
TE DE
DI SLO
R
D
LTC2859
120Ω


Similar Part No. - LT1785

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785 LINER-LT1785 Datasheet
196Kb / 12P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
LT1785 LINER-LT1785 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LT1785 AD-LT1785 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LT1785 AD-LT1785 Datasheet
999Kb / 24P
   ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results

Similar Description - LT1785

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com