Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1520 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1520
Description  20Mbps RS485 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1520 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1520 Datasheet HTML 6Page - Linear Technology LTC1520 Datasheet HTML 7Page - Linear Technology LTC1520 Datasheet HTML 8Page - Linear Technology LTC1520 Datasheet HTML 9Page - Linear Technology LTC1520 Datasheet HTML 10Page - Linear Technology LTC1520 Datasheet HTML 11Page - Linear Technology LTC1520 Datasheet HTML 12Page - Linear Technology LTC1520 Datasheet HTML 13Page - Linear Technology LTC1520 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2859/LTC2861
10
285961fc
Driver
The driver provides full RS485 and RS422 compatibility.
When enabled, if DI is high, Y-Z is positive for the full
duplex device (LTC2861) and A-B is positive for the half-
duplex device (LTC2859).
When the driver is disabled, both outputs are high-
impedance. For the full duplex LTC2861, the leakage on
the driver output pins is guaranteed to be less than 10µA
over the entire common mode range of –7V to +12V. On
the half-duplex LTC2859, the impedance is dominated by
the receiver input resistance, RIN.
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short circuits to
any voltage within the Absolute Maximum range of (VCC
–15V) to +15V. The maximum current in this condition
is 250mA. If the pin voltage exceeds about ±10V, current
limit folds back to about half of the peak value to reduce
overall power dissipation and avoid damaging the part.
The LTC2859/LTC2861 also feature thermal shutdown
protectionthatdisablesthedriver,terminator,andreceiver
in case of excessive power dissipation.
SLO Mode: Slew Limiting for EMI Emissions Control
TheLTC2859/LTC2861featurealogic-selectablereduced-
slew mode (SLO mode) that softens the driver output
edges to control the high frequency EMI emissions from
equipment and data cables. The reduced slew rate mode
is entered by taking the SLO pin low, where the data rate is
limited to about 250kbps. Slew limiting also mitigates the
adverse effects of imperfect transmission line termination
caused by stubs or mismatched cables.
Figures 8a and 8b show the LTC2861 driver outputs in
normal and SLO mode with their corresponding frequency
spectrums operating at 250kbps. SLO mode significantly
reduces the high frequency harmonics.
Figure 8a. Driver Output in Normal Mode
Driver Output at 125kHz into 100Ω Resistor
Frequency Spectrum of the Same Signal
Figure 8b. Driver Output in SLO Mode
Driver Output at 125kHz into 100Ω Resistor
Frequency Spectrum of the Same Signal
applicaTions inFormaTion
285961 F08a
Y, Z
Y–Z
2µs/DIV
1V/DIV
Y–Z
1.25MHz/DIV
10dB/DIV
285961 F08b
Y, Z
Y–Z
2µs/DIV
1V/DIV
Y–Z
1.25MHz/DIV
10dB/DIV


Similar Part No. - LTC1520

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1520 LINER-LTC1520 Datasheet
214Kb / 8P
   50Mbps Precision Quad Line Receiver
LTC1520 LINER-LTC1520 Datasheet
204Kb / 8P
   50Mbps Precision Quad Line Receiver
LTC1520CS LINER-LTC1520CS Datasheet
214Kb / 8P
   50Mbps Precision Quad Line Receiver
LTC1520 LINER-LTC1520_15 Datasheet
204Kb / 8P
   50Mbps Precision Quad Line Receiver
More results

Similar Description - LTC1520

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2857-1 LINER-LTC2857-1_15 Datasheet
332Kb / 20P
   20Mbps and Slew Rate Limited 15kV RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com