Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAF1453G Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TAF1453G
Description  Single PNP-Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TAF1453G Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TAF1453G Datasheet HTML 1Page - Siemens Semiconductor Group TAF1453G Datasheet HTML 2Page - Siemens Semiconductor Group TAF1453G Datasheet HTML 3Page - Siemens Semiconductor Group TAF1453G Datasheet HTML 4Page - Siemens Semiconductor Group TAF1453G Datasheet HTML 5Page - Siemens Semiconductor Group TAF1453G Datasheet HTML 6Page - Siemens Semiconductor Group TAF1453G Datasheet HTML 7Page - Siemens Semiconductor Group TAF1453G Datasheet HTML 8Page - Siemens Semiconductor Group TAF1453G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TAE 1453
TAF 1453
Semiconductor Group
5
1) C
k = 15 pF
Control range
R
L = 2 kΩ, VS = ± 15 V
R
L = 620 Ω, VS = ± 15 V
R
L = 2 kΩ, VS = ± 15 V,
f = 100 kHz
V
Q pp
V
Q pp
V
Q pp
14.9
14.9
10
– 14.7
– 14.5
–10
14.9
14.9
– 14.7
– 14.4
V
V
V
Input impedance,
f = 1 kHz
Z
I
200
k
Open-loop voltage gain
G
V0
78
85
78
dB
Output reverse current
I
QR
10
20
µA
Common-mode input
voltage range
V
IC
V
S
– 0.2
V
S
– 1.8
V
S
V
S
– 2.0
V
Common-mode rejection
k
CMR
75
80
75
dB
Supply voltage rejection
G
V = 100
k
SVR
25
100
120
µV/V
Temperature coefficient of
I
IO
R
G = 50 Ω
Temperature coefficient of
V
IO
R
G = 50 Ω
α
IIO
α
VIO
0.1
6
nA/K
µV/K
Slew rate
for non-inverting operation
Slew rate
for inverting operation
SR
SR
6
6
3
3
11
10
V/
µs1)
V/
µs1)
Characteristics (TAE 1453 G) (cont’d)
V
S = ± 5V to ± 15 V; RL = 10 kΩ, unless otherwise specified
Parameter
Symbol
Limit Values
T
A = 25 °C
Limit
Values
T
A = – 25
to 85
°C
Unit
min.
typ.
max.
min.
max.


Similar Part No. - TAF1453G

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
TAF100W-EX-11 MORNSUN-TAF100W-EX-11 Datasheet
1Mb / 4P
   12.5mm ULTRA-THIN ANALOG SIGNAL OUTPUT ISOLATION SAFETY BARRIER
logo
Power Mate Technology C...
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
More results

Similar Description - TAF1453G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TAE2453 SIEMENS-TAE2453 Datasheet
125Kb / 8P
   Dual PNP-Operational Amplifiers
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
logo
Texas Instruments
TLV2711CDBVR TI1-TLV2711CDBVR Datasheet
813Kb / 32P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com