Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2914 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2914
Description  36V Nano-Current Two Input Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2914 Datasheet HTML 4Page - Linear Technology LTC2914 Datasheet HTML 5Page - Linear Technology LTC2914 Datasheet HTML 6Page - Linear Technology LTC2914 Datasheet HTML 7Page - Linear Technology LTC2914 Datasheet HTML 8Page - Linear Technology LTC2914 Datasheet HTML 9Page - Linear Technology LTC2914 Datasheet HTML 10Page - Linear Technology LTC2914 Datasheet HTML 11Page - Linear Technology LTC2914 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2960
8
2960f
VOLTAGE MONITORING
The LTC2960 is a voltage supervisor with a wide operating
voltage range up to 36V with only 850nA quiescent current.
The supervisor has two outputs, RST and OUT that pro-
vide voltage monitoring capabilities for system power-up,
power-down and brown-out conditions. Built-in hysteresis
and a reset timeout period ensure that fluctuations due to
load transients or supply noise do not cause chattering
of the status outputs. The LTC2960 can provide reset and
voltage status signals to a microprocessor based system
or can alternatively be used as an Under Voltage Lock Out
(UVLO) for DC/DC switchers or LDOs for control over a
battery operated system.
If the monitored voltage drops below the reset threshold,
RST pulls low until the ADJ input rises above 0.4V plus
2.5% hysteresis. An internal reset timer delays the return
of the RST output to a high state to provide monitored
voltage settling and initialization time. The RST output is
typically connected to a processor reset input.
If the monitored supply voltage falls to the IN+ (LTC2960-1/
LTC2960-3) threshold, the spare comparator pulls OUT low.
OUT remains low until the IN+ input rises above 0.4V plus
5% hysteresis. OUT is typically used to signal preparation
for controlled shutdown. For example, the OUT output
may be connected to a processor nonmaskable interrupt
(NMI). Upon interrupt, the processor begins shutdown
procedures such as supply sequencing and/or storage/
erasure of system state in nonvolatile memory.
If the monitored supply voltage rises to the INthreshold
(LTC2960-2/LTC2960-4), the spare comparator pulls OUT
low. OUT remains low until the INfalls below 0.4V minus
5% hysteresis. The LTC2960-2/LTC2960-4 operates as an
undervoltage and overvoltage monitor.
Few, if any, external components are necessary for reliable
operation. However, a decoupling capacitor between VCC
and ground is recommended (0.01μF minimum). Use a
capacitor with a compatible voltage rating.
APPLICATIONS INFORMATION
THRESHOLD CONFIGURATION
The LTC2960 monitors voltage applied to its inputs IN+/IN
and ADJ. A resistive divider connected between a monitored
voltage and ground is used to bias the inputs. Figure 1
demonstrates how the inputs can be made dependent upon
a single voltage (V1). Only three resistors are required.
To calculate their values, specify desired falling reset (VR)
and IN+ (VIN+) thresholds with VIN+ > VR. For example:
VIN+ = 6.4V, VR = 6V
Figure 1. Configuration for Single Voltage Monitoring
ADJ
IN+
RST
OUT
LTC2960-1/
LTC2960-3
R3
R2
V1
R1
2960 F01
The solution for R1, R2 and R3 provides three equations
and three unknowns. Maximum resistor size is governed
by maximum input leakage current. For the LTC2960,
the maximum input leakage current below 85°C is 1nA.
For a maximum error of 1% due to both input currents,
the resistor divider current should be at least 100 times
the sum of the leakage currents, or 0.2μA. At the reset
threshold, V1 = 6V, RSUM = 8MΩ where:
RSUM = R1 + R2 + R3
Both the falling reset and IN+ thresholds are 0.4V, so:
R1
=
VTH •RSUM
VIN+
=
0.4V
• 8MΩ
6.4V
= 500k
The closest 1% value is 499k. R2 can be determined
from:
R2
=
VTH • RSUM
VR
–R1
=
0.4V
• 8MΩ
6V
– 499k
R2 = 34.33k


Similar Part No. - LTC2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2914 LINER-LTC2914 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2914 LINER-LTC2914 Datasheet
291Kb / 24P
   High Voltage Surge
LTC2914 LINER-LTC2914 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results

Similar Description - LTC2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2960 LINER-LTC2960_15 Datasheet
316Kb / 18P
   36V Nano-Current Two-Input Voltage Monitor
logo
STMicroelectronics
L99MD02 STMICROELECTRONICS-L99MD02 Datasheet
585Kb / 46P
   Two current monitor outputs
February 2011 Rev 5
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
List of Unclassifed Man...
1620A ETC2-1620A Datasheet
565Kb / 1P
   Continuously monitor voltage and current output on two analog meters
logo
Torex Semiconductor
XC6702 TOREX-XC6702 Datasheet
1Mb / 31P
   36V input, 300mA low supply current, high speed voltage regulators
XD6702 TOREX-XD6702 Datasheet
1Mb / 27P
   36V input, 300mA low supply current, high speed voltage regulators
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com