Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1667 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1667
Description  Serial 12-Bit/14-Bit, 3.5Msps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1667 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1667 Datasheet HTML 6Page - Linear Technology LTC1667 Datasheet HTML 7Page - Linear Technology LTC1667 Datasheet HTML 8Page - Linear Technology LTC1667 Datasheet HTML 9Page - Linear Technology LTC1667 Datasheet HTML 10Page - Linear Technology LTC1667 Datasheet HTML 11Page - Linear Technology LTC1667 Datasheet HTML 12Page - Linear Technology LTC1667 Datasheet HTML 13Page - Linear Technology LTC1667 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2356-12/LTC2356-14
10
2356fb
TIMING DIAGRAM
Nap Mode and Sleep Mode Waveforms
SCK to SDO Delay
LTC2356-12 Timing Diagram
LTC2356-14 Timing Diagram
SCK
CONV
INTERNAL
S/H STATUS
SDO
t7
t3
t1
1
18
17
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
t2
t6
t8
t4
t5
t8
t9
tACQ
SAMPLE
HOLD
HOLD
Hi-Z
Hi-Z
tCONV
14-BIT DATA WORD
SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
*BITS MARKED "X" AFTER D0 SHOULD BE IGNORED.
tTHROUGHPUT
2356 TD01
D11
D10
D8
D7
D6
D5
D4
D3
D2
D1
D0
X*
X*
D9
SAMPLE
1
SCK
CONV
INTERNAL
S/H STATUS
SDO
t7
t3
t1
1
18
17
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
t2
t6
t8
t4
t5
t8
t9
tACQ
SAMPLE
HOLD
HOLD
Hi-Z
Hi-Z
tCONV
14-BIT DATA WORD
SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
tTHROUGHPUT
2356 TD01b
D13
D12
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
SAMPLE
1
SCK
CONV
NAP
SLEEP
VREF
t1
t12
t1
NOTE: NAP AND SLEEP ARE INTERNAL SIGNALS
2356 TD02
t8
t10
SCK
SDO
2356 TD03
VIH
VOH
VOL
t9
SCK
SDO
VIH
90%
10%


Similar Part No. - LTC1667

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1667 LINER-LTC1667 Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1667 LINER-LTC1667 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LTC1667CG LINER-LTC1667CG Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667IG LINER-LTC1667IG Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results

Similar Description - LTC1667

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_12 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com