Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2910 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2910
Description  36V Nano-Current Two Input Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2910 Datasheet HTML 7Page - Linear Technology LTC2910 Datasheet HTML 8Page - Linear Technology LTC2910 Datasheet HTML 9Page - Linear Technology LTC2910 Datasheet HTML 10Page - Linear Technology LTC2910 Datasheet HTML 11Page - Linear Technology LTC2910 Datasheet HTML 12Page - Linear Technology LTC2910 Datasheet HTML 13Page - Linear Technology LTC2910 Datasheet HTML 14Page - Linear Technology LTC2910 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2960
11
2960f
2960 F06
DVCC
OUT
IN+
LTC2960-3
R6
6.81M
VB
VA
R4
681k
R5
48.7k
Figure 6. External Hysteresis
The addition of R6 allows OUT to sink or source current
to the summing junction at IN+. Neglecting internal switch
resistances and providing that R6 >> R5, the externally
modified hysteresis (referred to VA) becomes:
VHEXT ≈ VHYS(VA) + VB
R4
R6
⎝⎜
⎠⎟
Since the amount of hysteresis is to be doubled, the
second term in the above expression needs to be about
300mV. With a logic supply, VB, equal to 3V, the ratio R4/
R6 should be about 0.1. Choosing R6 to be 6.81M satis-
fies the design criteria.
The addition of R6 modifies the rising and falling thresholds
originally determined by R4 and R5. The modified rising
threshold becomes:
VR = VTH + V+HYS
()• 1+
R4
R5
+
R4
R6
= 400mV + 20mV
()• 1+13.98 + 0.1
()
= 6.3336V
It is apparent that the R4/R6 term does not affect the ris-
ing threshold significantly resulting in a change of only
+0.645%. The falling threshold incorporating R6 is:
VF = VTH 1+
R4
R5
+
R4
R6
VTH –VB
VTH
⎝⎜
⎠⎟
⎝⎜
⎠⎟
= 0.4V • 1+ 13.98 – 0.65
() = 5.732V
APPLICATIONS INFORMATION
The falling threshold can be restored to the original value
by reducing the value of R5. Under the assumption that
the addition of R6 has a negligible impact on the rising
threshold, a new R4/R5 ratio can be calculated as shown:
R4
R5
=
VR
VTH + V+HYS
()
–1
=
6.6V
420mV
–1
= 14.71
Given the ratio of R4/R5, the closest 1% resistor value for
R5 is 46.4k. With the actual resistor values now known,
the final thresholds can be calculated by plugging the
values into the equations above for VR and VF to obtain:
VR = 6.626V, VF = 6.010V, VHYST = 616mV
As a result of the added current component through R6
an error term exists that is a function of the pull-up volt-
age, VB in Figure 6.
Operation with Supply Transients over 40V and Hot
Swapping
The circuit in Figure 7(a) allows the LTC2960 to withstand
high voltage transients. The magnitude of the voltage
transients that can be absorbed is set by the voltage rat-
ing of RZ. A TT-IRC pulse-withstanding surface mount
1206 resistor with a nominal voltage rating of 200V is
used. The external 30V Zener diode (Z1) and the 143kΩ
current limiting resistor (RZ) protect the VIN supply pin
of the LTC2960. Note that there is a speed penalty which
is the time constant determined by RZ and C1, 14.3ms in
this example. If VIN is below 30V, there is a voltage drop
across RZ that is dependent on the quiescent current of
the LTC2960 which is nominally less than 150mV but can
be as high as 290mV if MR is pulled low. The maximum
voltage drop is determined by the maximum specified ICC
and MR pull-up currents. For conditions where the Zener
conducts current, it can be biased in the microamp range
owing to the low quiescent current of the LTC2960. For a
supply voltage of 150V, the Zener is biased <1mA. When
input pins are used to sense VIN, the input pins ADJ/IN+/
INabsolute maximum rating of 3.5V must not be exceeded.
VIN can be a maximum of 8.75x the lowest programmed
threshold to satisfy this condition. For a maximum VIN of
150V, the lowest programmable threshold is >17V.


Similar Part No. - LTC2910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2910 LINER-LTC2910 Datasheet
225Kb / 16P
   Octal Positive/Negative Voltage Monitor
LTC2910 LINER-LTC2910 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2910 LINER-LTC2910 Datasheet
531Kb / 16P
   Octal Positive/Negative Voltage Monitor
LTC2910CDHC LINER-LTC2910CDHC Datasheet
225Kb / 16P
   Octal Positive/Negative Voltage Monitor
LTC2910CGN LINER-LTC2910CGN Datasheet
225Kb / 16P
   Octal Positive/Negative Voltage Monitor
More results

Similar Description - LTC2910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2960 LINER-LTC2960_15 Datasheet
316Kb / 18P
   36V Nano-Current Two-Input Voltage Monitor
logo
STMicroelectronics
L99MD02 STMICROELECTRONICS-L99MD02 Datasheet
585Kb / 46P
   Two current monitor outputs
February 2011 Rev 5
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
List of Unclassifed Man...
1620A ETC2-1620A Datasheet
565Kb / 1P
   Continuously monitor voltage and current output on two analog meters
logo
Torex Semiconductor
XC6702 TOREX-XC6702 Datasheet
1Mb / 31P
   36V input, 300mA low supply current, high speed voltage regulators
XD6702 TOREX-XD6702 Datasheet
1Mb / 27P
   36V input, 300mA low supply current, high speed voltage regulators
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com