Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3556 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3556
Description  8-Output Regulator with Sequencing and I2C
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3556 Datasheet HTML 7Page - Linear Technology LTC3556 Datasheet HTML 8Page - Linear Technology LTC3556 Datasheet HTML 9Page - Linear Technology LTC3556 Datasheet HTML 10Page - Linear Technology LTC3556 Datasheet HTML 11Page - Linear Technology LTC3556 Datasheet HTML 12Page - Linear Technology LTC3556 Datasheet HTML 13Page - Linear Technology LTC3556 Datasheet HTML 14Page - Linear Technology LTC3556 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
11
3589fe
TYPICAL PERFORMANCE CHARACTERISTICS
Buck-Boost Switching Regulator
Soft-Start
Dynamic Voltage Slew
Step-Down Switching Regulator 1
Load Step
Buck-Boost Switching Regulator 1
Load Step
Maximum Buck-Boost Load
Current vs VIN
Step-Down Switching Regulator 1
Load Step
3589 G19
100μs/DIV
1V/DIV
500mA/DIV
VOUT
IL
3589 G20
200μs/DIV
1V/DIV
5V/DIV
5V/DIV
VOUT
VSTB
PGOOD
VRRCR = 1.75mV/μs
3589 G21
40μs/DIV
VOUT
ILOAD
LOAD CAPACITANCE = 44μF
50mV/DIV
1A/DIV
PULSE-SKIPPING MODE
3589 G22
40μs/DIV
VOUT
ILOAD
LOAD CAPACITANCE = 44μF
50mV/DIV
1A/DIV
Burst Mode OPERATION
VIN (V)
2.5
4.0
3589 G24
1.5
0.5
3.0
3.5
4.5
0
2.5
2.0
1.0
5.0
5.5
VOUT = 1.8V
VOUT = 3.3V
VOUT = 5V
3589 G23
40μs/DIV
VOUT
ILOAD
200mV/DIV
1A/DIV
LOAD CAPACITANCE = 22μF
VIN = 3.8V, TA = 25°C, unless otherwise noted.
LDO1 Dropout Voltage
vs Temperature
LDO1 Output Change vs VIN
LDO1 Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
–50
75
100
3589 G27
60
70
80
30
50
40
–25
0
25
50
20
150
125
VIN (V)
2
3589 G26
0.0
0.5
–1.5
–0.5
–1.0
34
–2.0
5
VLDO1 = 25mA
VLDO1 = 1.2V
VLDO1 = 1.8V
VLDO1 = 2.8V
VLDO1 = 3.3V
TEMPERATURE (°C)
–50
75
100
3589 G25
400
500
100
300
200
–25
0
25
50
0
150
125
VLDO1 = 1.8V
VLDO1 = 3.3V


Similar Part No. - LTC3556

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556EUFD-PBF LINER-LTC3556EUFD-PBF Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556EUFD-TRPBF LINER-LTC3556EUFD-TRPBF Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
More results

Similar Description - LTC3556

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3589 LINER-LTC3589_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589 Datasheet
567Kb / 44P
   8-Output Regulator with Sequencing and I2C
LTC3589-2 LINER-LTC3589-2_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589-1 LINER-LTC3589-1_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589_1 Datasheet
2Mb / 46P
   8-Output Regulator with Sequencing and I2C
LTC3589EUJ-1 LINER-LTC3589EUJ-1 Datasheet
1Mb / 14P
   8-Output Regulator with Sequencing and I2C
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com