Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3556 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3556
Description  8-Output Regulator with Sequencing and I2C
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3556 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3556 Datasheet HTML 4Page - Linear Technology LTC3556 Datasheet HTML 5Page - Linear Technology LTC3556 Datasheet HTML 6Page - Linear Technology LTC3556 Datasheet HTML 7Page - Linear Technology LTC3556 Datasheet HTML 8Page - Linear Technology LTC3556 Datasheet HTML 9Page - Linear Technology LTC3556 Datasheet HTML 10Page - Linear Technology LTC3556 Datasheet HTML 11Page - Linear Technology LTC3556 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
LTC3589/LTC3589-1/
LTC3589-2
8
3589fe
Note 1: Stresses beyond those listed Under Absolute Maximum ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3589 are tested under pulsed load conditions such
that TJ ≈ TA. The LTC3589E are guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3589I are guaranteed over the –40°C to 125°C operating junction
temperature range and the LTC3589H are guaranteed over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes; operating lifetime is derated for junction
temperatures greater than 125°C. The junction temperature (TJ in °C) is
calculated from the ambient temperature (TA in °C) and power dissipation
(PD, in Watts) according to the formula:
TJ = TA + (PD • θJA), where the package junction to ambient thermal
impedance
θJA = 33°C/W.
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 3: The LTC3589 include overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating temperature
may impair device reliability.
Note 4: Dropout voltage is defined as (VIN – VLDO) for LDO1 or
(VIN_LDO – VLDO) for other LDOs when VLDO is 3% lower than VLDO
measured with VIN = VIN_LDO = 4.3V.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 6: Soft-start measured in test mode with regulator error amplifier in
unity gain mode.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRSTO
RSTO Output Low Voltage
IRSTO = 3mA
0.1
0.4
V
IRSTO
RSTO Output High Leakage Current
VRSTO = 3.8V
–0.1
0.1
μA
VIRQ
IRQ Output Low Voltage
IIRQ = 3mA
0.1
0.4
V
IIRQ
IRQ Output High Leakage Current
VIRQ = 3.8V
–0.1
0.1
μA
The
l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = PVIN1 = PVIN2 = PVIN3 = PVIN4 = VIN_LDO2 = VIN_LDO34
= DVDD = 3.8V. All regulators disabled unless otherwise noted.


Similar Part No. - LTC3556

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556EUFD-PBF LINER-LTC3556EUFD-PBF Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556EUFD-TRPBF LINER-LTC3556EUFD-TRPBF Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
More results

Similar Description - LTC3556

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3589 LINER-LTC3589_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589 Datasheet
567Kb / 44P
   8-Output Regulator with Sequencing and I2C
LTC3589-2 LINER-LTC3589-2_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589-1 LINER-LTC3589-1_15 Datasheet
683Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3589 LINER-LTC3589_1 Datasheet
2Mb / 46P
   8-Output Regulator with Sequencing and I2C
LTC3589EUJ-1 LINER-LTC3589EUJ-1 Datasheet
1Mb / 14P
   8-Output Regulator with Sequencing and I2C
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com