Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3485 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3485
Description  2-Cell Supercapacitor Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3485 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3485 Datasheet HTML 7Page - Linear Technology LT3485 Datasheet HTML 8Page - Linear Technology LT3485 Datasheet HTML 9Page - Linear Technology LT3485 Datasheet HTML 10Page - Linear Technology LT3485 Datasheet HTML 11Page - Linear Technology LT3485 Datasheet HTML 12Page - Linear Technology LT3485 Datasheet HTML 13Page - Linear Technology LT3485 Datasheet HTML 14Page - Linear Technology LT3485 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3226
11
3226fa
APPLICATIONS INFORMATION
Programming the Supercapacitor
Termination Voltage (CPO)
The termination voltage of the supercapacitor stack on
the CPO pin can be programmed for any voltage between
2.5V to 5.3V by using a resistor divider from the CPO pin
to GND via the CPO_FB pin such that:
V
CPO = VCPO _ FB •1+
R
CP1
R
CP2
⎝⎜
⎠⎟
where VCPO_FB is 1.2V. See the block diagram in Figure 1.
Typical values for RCP1 and RCP2 are in the range of 40k
to 5M.
Programming the Input Current Limit for the Charger
The input current limit for the LTC3226 charge pump is
programmed by using a single resistor from the PROG
pin to ground. The input current limit is typically 10,500
times the current out of the PROG pin. The PROG pin
voltage always servos to 1V as long as the part is not in
sleep mode. The program resistor and the input current
limit are calculated using the following equations:
R
PROG = 10,500 •
1V
I
VIN(ILIM)
, I
VIN(ILIM) = 10,500 •
1V
R
PROG
where IVIN(ILIM) is the input current limit for the charge
pump charger. The maximum allowable input current limit
of 315mA can be achieved by using a PROG resistor of
33.2k. To maximize the charge transfer rate, the charge
pump operates in 1x mode when the supercapacitor voltage
is less than the input voltage and the charge current out of
CPO pin is only limited by the programmed input current
limit. However, in 2x mode, the average charge current is
approximately half the input current limit.
Programming the Input Voltage Threshold for the
Power-Fail Comparator
The input voltage threshold below which the power-fail
status pin PFO indicates a power-fail condition and the
LTC3226 switches the internal LDO on can be programmed
by using a resistor divider from the VIN pin to GND via the
PFI pin such that:
V
IN(PFO _ HI_ LO) = VPFI •1+
R
PF1
R
PF2
⎝⎜
⎠⎟
where VPFI is 1.2V. See Figure 1. Typical values for RPF1
and RPF2 are in the range of 40k to 5M. For a smooth
transition from normal to back-up mode, the PFI threshold
should be set 50mV to 100mV above the programmed
LDO output voltage, VOUT.
The input voltage above which the power-fail status pin
PFO is high impedance and the supercapacitor charger
and the ideal diode are enabled is:
V
IN(PFO _ LO _ HI) = VPFI + VPFI(HYS)
()•1+RPF1
R
PF2
⎝⎜
⎠⎟
where VPFI(HYS) is the hysteresis of the PFI comparator. It
is internally set to a typical value of 20mV.
The hysteresis can be increased externally by adding a
resistor, RH, in series with a diode, D1, between the PFO and
PFI pins as shown in Figure 2. This network will increase
the low-to-high VIN threshold for PFO while keeping the
high-to-low threshold intact. The increase in hysteresis
at the input can be calculated as shown:
ΔV
IN(HYS) = VPFI + VPFI(HYS) –VF
()•RPF1
R
H


Similar Part No. - LT3485

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3485 AD-LT3485 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LT3485-0 LINER-LT3485-0 Datasheet
343Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
LT3485-0 LINER-LT3485-0 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
logo
Analog Devices
LT3485-0 AD-LT3485-0 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3485-0 LINER-LT3485-0_15 Datasheet
349Kb / 20P
   Photoflash Capacitor Chargers with Output Voltage Monitor and Integrated IGBT Drive
More results

Similar Description - LT3485

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3225 LINER-LTC3225_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
LTC3225-1 LINER-LTC3225-1_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
LTC3225 LINER-LTC3225 Datasheet
199Kb / 12P
   150mA Supercapacitor Charger
logo
Texas Instruments
BQ25173 TI-BQ25173 Datasheet
2Mb / 31P
[Old version datasheet]   BQ25173: 800-mA Linear Charger for 1- to 4-Cell Supercapacitor
NOVEMBER 2021
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
   2 Cell Li-ion Battery Charger IC
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com