Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1790-2.5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1790-2.5
Description  Serial 12-Bit/14-Bit, 2.8Msps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790-2.5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1790-2.5 Datasheet HTML 6Page - Linear Technology LT1790-2.5 Datasheet HTML 7Page - Linear Technology LT1790-2.5 Datasheet HTML 8Page - Linear Technology LT1790-2.5 Datasheet HTML 9Page - Linear Technology LT1790-2.5 Datasheet HTML 10Page - Linear Technology LT1790-2.5 Datasheet HTML 11Page - Linear Technology LT1790-2.5 Datasheet HTML 12Page - Linear Technology LT1790-2.5 Datasheet HTML 13Page - Linear Technology LT1790-2.5 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC1403-1/LTC1403A-1
10
14031fc
TIMING DIAGRAM
Nap Mode and Sleep Mode Waveforms
SCK to SDO Delay
SLK
CONV
NAP
SLEEP
VREF
t1
t12
t1
NOTE: NAP AND SLEEP ARE INTERNAL SIGNALS
14031 TD02
t8
t10
SCK
SDO
14031 TD03
VIH
VOH
VOL
t9
SCK
SDO
VIH
90%
10%
SCK
CONV
INTERNAL
S/H STATUS
SDO
t7
t3
t1
1
18
17
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
t2
t6
t8
t4
t5
t8
t9
tACQ
SAMPLE
HOLD
HOLD
Hi-Z
Hi-Z
tCONV
14-BIT DATA WORD
SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
*BITS MARKED "X" AFTER D0 SHOULD BE IGNORED.
tTHROUGHPUT
14031 TD01
D11
D10
D8
D7
D6
D5
D4
D3
D2
D1
D0
X*
X*
D9
SAMPLE
1
LTC1403-1 Timing Diagram
LTC1403A-1 Timing Diagram
SCK
CONV
INTERNAL
S/H STATUS
SDO
t7
t3
t1
1
18
17
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
t2
t6
t8
t4
t5
t8
t9
tACQ
SAMPLE
HOLD
HOLD
Hi-Z
Hi-Z
tCONV
14-BIT DATA WORD
SDO REPRESENTS THE ANALOG INPUT FROM THE PREVIOUS CONVERSION
tTHROUGHPUT
14031 TD01b
D13
D12
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
SAMPLE
1


Similar Part No. - LT1790-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790-2.5 LINER-LT1790-2.5 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
More results

Similar Description - LT1790-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1 Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403 Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_12 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com