Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1864 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1864
Description  Serial 12-Bit/14-Bit, 2.8Msps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1864 Datasheet HTML 7Page - Linear Technology LTC1864 Datasheet HTML 8Page - Linear Technology LTC1864 Datasheet HTML 9Page - Linear Technology LTC1864 Datasheet HTML 10Page - Linear Technology LTC1864 Datasheet HTML 11Page - Linear Technology LTC1864 Datasheet HTML 12Page - Linear Technology LTC1864 Datasheet HTML 13Page - Linear Technology LTC1864 Datasheet HTML 14Page - Linear Technology LTC1864 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC1403-1/LTC1403A-1
11
14031fc
APPLICATIONS INFORMATION
DRIVING THE ANALOG INPUT
ThedifferentialanaloginputsoftheLTC1403-1/LTC1403A-1
are easy to drive. The inputs may be driven differentially or
as a single-ended input (i.e., the AIN– input is set to VCM).
Bothdifferentialanaloginputs,AIN+withAIN–,aresampled
at the same instant. Any unwanted signal that is common
to both inputs of each input pair will be reduced by the
common mode rejection of the sample-and-hold circuit.
Theinputsdrawonlyonesmallcurrentspikewhilecharging
the sample-and-hold capacitors at the end of conversion.
During conversion, the analog inputs draw only a small
leakage current. If the source impedance of the driving
circuit is low, then the LTC1403-1/LTC1403A-1 inputs can
be driven directly. As source impedance increases, so will
acquisition time. For minimum acquisition time with high
source impedance, a buffer amplifier must be used. The
main requirement is that the amplifier driving the analog
input(s) must settle after the small current spike before
the next conversion starts (settling time must be 39ns
for full throughput rate). Also keep in mind while choos-
ing an input amplifier, the amount of noise and harmonic
distortion added by the amplifier.
CHOOSING AN INPUT AMPLIFIER
Choosing an input amplifier is easy if a few requirements are
taken into consideration. First, to limit the magnitude of the
voltagespikeseenbytheamplifierfromchargingthesampling
capacitor, choose an amplifier that has a low output imped-
ance (<100Ω) at the closed-loop bandwidth frequency. For
example, if an amplifier is used with a gain of 1 and has a
unity-gainbandwidthof50MHz,thentheoutputimpedance
at 50MHz must be less than 100Ω. The second require-
ment is that the closed-loop bandwidth must be greater
than 40MHz to ensure adequate small-signal settling for
full throughput rate. If slower op amps are used, more
time for settling can be provided by increasing the time
between conversions. The best choice for an op amp to
drive the LTC1403-1/LTC1403A-1 will depend on the ap-
plication. Generally, applications fall into two categories:
AC applications where dynamic specifications are most
critical and time domain applications where DC accuracy
and settling time are most critical. The following list is
a summary of the op amps that are suitable for driving
the LTC1403-1/LTC1403A-1. (More detailed information
is available in the Linear Technology Databooks and our
website at www.linear.com.)
LTC®1566-1: Low Noise 2.3MHz Continuous Time Low-
Pass Filter.
LT1630: Dual 30MHz Rail-to-Rail Voltage FB Amplifier.
2.7V to ±15V supplies. Very high AVOL, 500µV offset and
520ns settling to 0.5LSB for a 4V swing. THD and noise
are –93dB to 40kHz and below 1LSB to 320kHz (AV = 1,
2VP-P into 1kΩ, VS = 5V), making the part excellent for
AC applications (to 1/3 Nyquist) where rail-to-rail perfor-
mance is desired. Quad version is available as LT1631.
LT1632: Dual 45MHz Rail-to-Rail Voltage FB Amplifier.
2.7V to ±15V supplies. Very high AVOL, 1.5mV offset and
400ns settling to 0.5LSB for a 4V swing. It is suitable for
applications with a single 5V supply. THD and noise are
–93dB to 40kHz and below 1LSB to 800kHz (AV = 1,
2VP-P into 1kΩ, VS = 5V), making the part excellent for
ACapplicationswhererail-to-railperformanceisdesired.
Quad version is available as LT1633.
LT1813: Dual 100MHz 750V/µs 3mA Voltage Feedback
Amplifier. 5V to ±5V supplies. Distortion is –86dB to
100kHz and –77dB to 1MHz with ±5V supplies (2VP-P
into 500Ω). Excellent part for fast AC applications with
±5V supplies.
LT1801: 80MHz GBWP, –75dBc at 500kHz, 2mA/Ampli-
fier, 8.5nV/√Hz.
LT1806/LT1807: 325MHz GBWP, –80dBc Distortion at
5MHz, Unity-Gain Stable, R-R In and Out, 10mA/Ampli-
fier, 3.5nV/√Hz.
LT1810: 180MHz GBWP, –90dBc Distortion at 5MHz,
Unity-Gain Stable, R-R In and Out, 15mA/Amplifier,
16nV/√Hz.
LT1818/LT1819: 400MHz, 2500V/µs,9mA, Single/Dual
Voltage Mode Operational Amplifier.
LT6200: 165MHz GBWP, –85dBc Distortion at 1MHz,
Unity-Gain Stable, R-R In and Out, 15mA/Amplifier,
0.95nV/√Hz.
LT6203: 100MHz GBWP, –80dBc Distortion at 1MHz,
Unity-Gain Stable, R-R In and Out, 3mA/Amplifier,
1.9nV/√Hz.
LT6600-10:Amplifier/FilterDifferentialIn/Outwith10MHz
Cutoff.


Similar Part No. - LTC1864

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1864 LINER-LTC1864 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1864 LINER-LTC1864 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results

Similar Description - LTC1864

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1 Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403 Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_12 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
logo
Analog Devices
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com