Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2208 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2208
Description  16-Bit, 20Msps Low Power Dual ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2208 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2208 Datasheet HTML 4Page - Linear Technology LTC2208 Datasheet HTML 5Page - Linear Technology LTC2208 Datasheet HTML 6Page - Linear Technology LTC2208 Datasheet HTML 7Page - Linear Technology LTC2208 Datasheet HTML 8Page - Linear Technology LTC2208 Datasheet HTML 9Page - Linear Technology LTC2208 Datasheet HTML 10Page - Linear Technology LTC2208 Datasheet HTML 11Page - Linear Technology LTC2208 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC2188
8
2188f
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (LVDS Mode)
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.1
1.8
3.2
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1
1.5
2.7
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0
0.3
0.6
ns
Pipeline Latency
6.5
Cycles
SPI Port Timing (Note 8)
tSCK
SCK Period
Write Mode
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Setup Time
l
5
ns
tH
SCK to CS Setup Time
l
5
ns
tDS
SDI Setup Time
l
5
ns
tDH
SDI Hold Time
l
5
ns
tDO
SCK Falling to SDO Valid
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns
TiMing characTerisTics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents of greater than 100mA below GND without latchup.
Note 5: VDD = OVDD = 1.8V, fSAMPLE = 20MHz, LVDS outputs, differential
ENC+/ENC= 2VP-P sine wave, input range = 2VP-P with differential drive,
unless otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 7: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 0000 0000 0000 0000 and 1111 1111
1111 1111 in 2’s complement output mode.
Note 8: Guaranteed by design, not subject to test.
Note 9: VDD = 1.8V, fSAMPLE = 20MHz, CMOS outputs, ENC+ = single-
ended 1.8V square wave, ENC= 0V, input range = 2VP-P with differential
drive, 5pF load on each digital output unless otherwise noted. The supply
current and power dissipation specifications are totals for the entire IC, not
per channel.
Note 10: Recommended operating conditions.


Similar Part No. - LTC2208

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2208 LINER-LTC2208 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC2208 LINER-LTC2208 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2208 LINER-LTC2208 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2208 LINER-LTC2208 Datasheet
4Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
More results

Similar Description - LTC2208

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2271 LINER-LTC2271_15 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2271 LINER-LTC2271 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com