Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3476 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3476
Description  8-Channel100mA LED Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3476 Datasheet HTML 2Page - Linear Technology LT3476 Datasheet HTML 3Page - Linear Technology LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology LT3476 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT3760
6
3760fc
Typical perForMance characTerisTics
SHDN/UVLO Pin (Hysteresis)
Current vs Junction Temperature
VIN Shutdown Current
vs Junction Temperature
VIN Quiescent Current vs VIN
VIN Quiescent Current
vs Junction Temperature
Switching Frequency
vs Junction Temperature
VC High Clamp, Active
and Low Clamp Levels
vs Junction Temperature
LED Current Waveforms
3000:1 PWM Dimming (100Hz)
VREF vs Junction Temperature
SHDN/UVLO Threshold
vs Junction Temperature
TA = 25°C, unless otherwise noted.
5µs/DIV
I(LEDx)
40mA/DIV
PWM
10V/DIV
I(L1)
1A/DIV
3760 G04
(FRONT COVER
APPLICATION)
JUNCTION TEMPERATURE (°C)
–50
1.525
1.485
1.465
1.505
1.445
25
100
75
0
50
3760 G05
125
–25
JUNCTION TEMERATURE (°C)
–50
1.525
1.485
1.465
1.505
1.445
25
100
75
0
50
3760 G06
125
–25
JUNCTION TEMPERATURE (°C)
–50
2.80
2.60
2.50
2.40
2.30
2.70
2.20
25
100
75
0
50
3760 G07
125
–25
JUNCTION TEMPERATURE (°C)
–50
5
3
2
1
4
0
25
100
75
0
50
3760 G08
125
–25
VIN = 6V, SHDN/UVLO = 0V
VIN (V)
0
12
6
4
2
8
10
0
15
30
35
25
10
20
3760 G09
40
5
PWM = 1.5V, NO SWITCHING,
V(LED1-8) = 1.2V, CTRL = 0.1V
PWM = 0V, CTRL = 0.1V
RISET = 14.7k
JUNCTION TEMPERATURE (°C)
–50
15
5
10
0
25
100
75
0
50
3760 G10
125
–25
VIN = 6V, RISET = 14.7k, CTRL = 0.1V
PWM = 1.5V, NO SWITCHING,
V(LED1-8) = 1.2V, CTRL = 0.1V
PWM = 0V, CTRL = 0.1V
JUNCTION TEMPERATURE (°C)
–50
1100
950
1050
1000
900
25
100
75
0
50
3760 G11
125
–25
RT = 39.2k
JUNCTION TEMPERATURE (°C)
–50
2.5
2.0
1.5
1.0
0.5
0.0
25
100
75
0
50
3760 G12
125
–25
VC HIGH CLAMP
VC LOW CLAMP
VC ACTIVE (SWITCHING)


Similar Part No. - LT3476

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3476 LINER-LT3476 Datasheet
189Kb / 12P
   High Current Quad Output LED Driver
LT3476 LINER-LT3476 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3476 LINER-LT3476 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3476 LINER-LT3476 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3476 LINEAR_DIMENSIONS-LT3476 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3476

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3760 LINER-LT3760 Datasheet
431Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
logo
AIMTEC
AMLB-IZ AIMTEC-AMLB-IZ Datasheet
331Kb / 3P
   100mA | LED Driver
AMLB-IZ AIMTEC-AMLB-IZ_16 Datasheet
160Kb / 3P
   100mA | LED Driver
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
   8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
   8-Channel LED Driver
logo
Asahi Kasei Microsystem...
AP4201 AKM-AP4201 Datasheet
858Kb / 27P
   27ch 100mA LED Driver IC
AP4203 AKM-AP4203 Datasheet
863Kb / 28P
   15ch 100mA LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com