Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3476 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3476
Description  8-Channel100mA LED Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology LT3476 Datasheet HTML 10Page - Linear Technology LT3476 Datasheet HTML 11Page - Linear Technology LT3476 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LT3760
8
3760fc
pin FuncTions
CTRL (Pin 1): CTRL pin voltage below 1V controls
LED current. CTRL voltage can be set by a resistor
divider from VIN, VREF or an external voltage source.
LED current derating versus temperature is achievable
if the voltage programmed at the CTRL pin has a negative
temperature coefficient using an external resistor divider
from VREF pin to GND with temperature dependent
resistance.
TSET (Pin 2): Programs LT3760 junction temperature
breakpoint past which LED current will begin to derate.
Program using a resistor divider from VREF to GND.
VREF (Pin 3): 1.485V Reference Output Pin. This pin can
supply up to 150µA. Can be used to program CTRL, TSET
and OVPSET pin voltages using resistor dividers to GND.
ISET (Pin 4): Resistor to GND Programs LED pin current.
See Table 6 in the Applications Information Section.
NC (Pin 5): No Connect. Okay to leave open or to connect
to GND.
LEDx (Pins 6 to 9, 20 to 23): 8 LED Driver Outputs. Each
outputcontainsanopencollectorconstantcurrentsink.LED
currents are programmable from 20mA to 100mA using a
single resistor at the ISET pin. Connect the cathode of each
LED string to an LED pin. Connect the anode of each LED
string to VOUT. Channels can be paralleled for greater LED
current or individually disabled (connect LED to VOUT).
PGND (Pins 10, 19, Exposed Pad Pin 29): Power grounds
for the IC and the converter. The package has an exposed
pad (Pin 29) underneath the IC which is the best path for
heat out of the package. Pin 29 should be soldered to
a continuous copper ground plane under the device to
reduce die temperature and increase the power capability
of the LT3760.
SENSE (Pin 11): The Current Sense Input for the Control
Loop. Connect this pin to the sense resistor in the source
of the external power MOSFET.
GATE (Pin 12): Drives the gate of an N-channel MOSFET
from 0V to INTVCC.
INTVCC(Pin 13): A 7V LDO supply generated from VIN and
used to power the GATE driver and some control circuitry.
Must be bypassed with a 4.7µF capacitor to PGND.
VIN (Pin 14): Input Supply Pin. Must be locally bypassed
with a 1µF capacitor to PGND.
SHDN/UVLO(Pin15): TheSHDN/UVLOpinhasanaccurate
1.476Vthresholdandcanbeusedtoprogramanundervolt-
agelockout(UVLO)thresholdforsysteminputsupplyusing
a resistor divider from supply to GND. A 2.4µA pin cur-
rent hysteresis allows programming of UVLO hysteresis.
SHDN/UVLO above 1.476V turns the part on and removes
a 2.4µA sink current from the pin. SHDN/UVLO < 0.7V
reduces VIN current < 20µA. If the shutdown function is
not required, it should be forced above 1.476V or con-
nected directly to VIN.
FAULT (Pin 16): Active low if any or all LED strings have
an open fault. If fault(s) removed, FAULT flag returns high.
Fault status is only updated during PWM high state and
latched during PWM low.
SYNC (Pin 17): Allows synchronization of boost converter
switchingfrequencytoanexternalclock.RTresistorshould
be programmed for fOSC 20% below SYNC frequency. If
unused, connect to GND.
VOUT (Pin 18): Boosted Output Voltage of the Converter.
Connect a capacitor from this pin to PGND. Connect the
anode of each LED (string) to VOUT.
GND (Pin 24): Signal Ground.
RT (Pin 25): A resistor to GND programs switching fre-
quency fOSC between 0.1MHz and 1MHz.
VC (Pin 26): Output of Both Transconductance Error
Amplifiers for the Converter Regulation Loop. The most
commonly used gm error amplifier (LED) regulates VOUT
to ensure no LED pin falls below 1V. The other gm error
amplifier (OVP) is activated if all LEDs fail open and a
regulated maximum VOUT is required. Connect a resistor
and capacitor in series from the VC pin to GND.
PWM(Pin27):InputPinforPWMDimmingControl.Above
1.4V allows converter switching and below 0.7V disables
switching. The PWM signal can be driven from 0V to 6V.
If unused, connect to VREF.
OVPSET(Pin28):ProgramsmaximumallowedVOUTregu-
lation level if all LEDs are open circuit. Program using a
resistor divider from VREF to GND.


Similar Part No. - LT3476

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3476 LINER-LT3476 Datasheet
189Kb / 12P
   High Current Quad Output LED Driver
LT3476 LINER-LT3476 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3476 LINER-LT3476 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3476 LINER-LT3476 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3476 LINEAR_DIMENSIONS-LT3476 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3476

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3760 LINER-LT3760 Datasheet
431Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
logo
AIMTEC
AMLB-IZ AIMTEC-AMLB-IZ Datasheet
331Kb / 3P
   100mA | LED Driver
AMLB-IZ AIMTEC-AMLB-IZ_16 Datasheet
160Kb / 3P
   100mA | LED Driver
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
   8-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
   8-Channel LED Driver
logo
Asahi Kasei Microsystem...
AP4201 AKM-AP4201 Datasheet
858Kb / 27P
   27ch 100mA LED Driver IC
AP4203 AKM-AP4203 Datasheet
863Kb / 28P
   15ch 100mA LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com